Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW17-D900 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # TW17-D900
Description  0.4-3.0 GHz Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW17-D900 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  TW17-D900 Datasheet HTML 1Page - Skyworks Solutions Inc. TW17-D900 Datasheet HTML 2Page - Skyworks Solutions Inc. TW17-D900 Datasheet HTML 3Page - Skyworks Solutions Inc. TW17-D900 Datasheet HTML 4Page - Skyworks Solutions Inc. TW17-D900 Datasheet HTML 5Page - Skyworks Solutions Inc. TW17-D900 Datasheet HTML 6Page - Skyworks Solutions Inc. TW17-D900 Datasheet HTML 7Page - Skyworks Solutions Inc. TW17-D900 Datasheet HTML 8Page - Skyworks Solutions Inc. TW17-D900 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PRELIMINARY DATA SHEET • SKY65047-360LF LOW NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201084A • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • June 1, 2009
3
Table 4. SKY65047-360LF Electrical Specifications
(VBIAS and EN = 3.3 V, Characteristic Impedance [ZO] = 50
Ω, TCASE = 25 °C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Gain temperature drift
G
25
°C to –40 °C or 25 °C
to +85
°C
±0.5
dB
915 MHz Matched Performance
Gain
G
17.3
dB
Isolation
Iso
27
dB
Noise Figure
NF
0.90
dB
1 dB input compression point
IP1dB
–15.8
dBm
Input IP3
IIP3
PIN = –30 dBm/tone,
200 kHz spacing
+3
dBm
Input return loss
IRL
With external matching
14
dB
Output return loss
ORL
With external matching
18
dB
Supply current
ICC
Bias resistor = 4.7 k
Ω
7.0
mA
1575 MHz Matched Performance
Gain
G
16.5
dB
Isolation
Iso
26
dB
Noise Figure
NF
0.75
dB
1 dB input compression point
IP1dB
–15
dBm
Input IP3
IIP3
PIN = –30 dBm/tone,
200 kHz spacing
0
dBm
Input return loss
IRL
With external matching
11
dB
Output return loss
ORL
With external matching
13
dB
Supply current
ICC
Bias resistor = 4.7 k
Ω
6.7
mA
2450 MHz Matched Performance
Gain
G
15.7
dB
Isolation
Iso
21
dB
Noise Figure
NF
0.95
dB
1 dB input compression point
IP1dB
–8
dBm
Input IP3
IIP3
PIN = –30 dBm/tone,
200 kHz spacing
+6.5
dBm
Input return loss
IRL
With external matching
21
dB
Output return loss
ORL
With external matching
13
dB
Supply current
ICC
Bias resistor = 4.7 k
Ω
6.8
mA
Power-Down
Leakage current
Ilkg
No RF
0.1
μA


Similar Part No. - TW17-D900

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW17-D215-001 SKYWORKS-TW17-D215-001 Datasheet
184Kb / 10P
   Dual-Band CDMA2000 Transmitter for Cellular CDMA and PCS Femtocell Applications
TW17-D315-003 SKYWORKS-TW17-D315-003 Datasheet
305Kb / 13P
   450-470 MHz Front-End Module
TW17-D335-007 SKYWORKS-TW17-D335-007 Datasheet
2Mb / 14P
   Power Amplifier for 802.11a WLAN Applications
March 25, 2011
TW17-D390 SKYWORKS-TW17-D390 Datasheet
800Kb / 13P
   900 MHz Front-End Module
TW17-D440-001 SKYWORKS-TW17-D440-001 Datasheet
3Mb / 22P
   390 - 1500 MHz Low Noise Power Amplifier Driver
More results

Similar Description - TW17-D900

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
   Low Noise Amplifier, 0.4 GHz to 11 GHz
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
   Low Noise Amplifier, 0.4 GHz to 10 GHz
logo
Tyco Electronics
MAAL-007304 MACOM-MAAL-007304 Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
MAAL-008550 MACOM-MAAL-008550 Datasheet
297Kb / 6P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
Agilent(Hewlett-Packard...
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Analog Devices
ADL8104 AD-ADL8104 Datasheet
617Kb / 23P
   Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
logo
Hittite Microwave Corpo...
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC374 HITTITE-HMC374 Datasheet
249Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com