Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65066-360LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY65066-360LF
Description  2.3-2.7 GHz Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65066-360LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65066-360LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65066-360LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65066-360LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65066-360LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65066-360LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65066-360LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65066-360LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65066-360LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65066-360LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DATA SHEET • SKY65066-360LF LOW NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
November 12, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201090E
Table 1. SKY65066-360LF Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
BIAS1
Source lead for 1st stage transistor
5
FEEDBACK
Connect to RFOUT/VDD2 to reduce gain of
2nd stage transistor
2
RFIN
RF input
6
N/C
No connection
3
N/C
No connection
7
RFOUT/VDD2
RF output. Requires a DC bias using an RF
choke inductor.
4
VDD1
1st stage DC power supply
8
BIAS2
Source lead for 2nd stage transistor
Functional Description
The SKY65066-360LF is a two stage LNA with an integrated
interstage matching network and source inductors. The device
has a tested low NF of 0.7 dB and gain of 16.5 dB. The device
allows designers to adjust current and gain without degrading the
NF.
The external matching network largely dictates the RF
performance of the device. The matching network is required for
operation and special care should be taken when designing a
circuit board layout for the SKY65066-360LF. There are four
separate groups of external components: input, output, biasing,
and feedback.
Biasing
To properly bias a depletion mode pHEMT, both the gate and
drain of the device must be biased properly. At VGS = 0 V and
VDS > 2 V, the amplifier stage is in its saturated state and draws
the maximum amount of current, IDSS. A VDS of 5 V is
recommended to ensure proper performance.
To eliminate the need for a negative DC supply, self-biasing
should be used when a resistor is placed between one of the
source leads and ground. A bypass capacitor should be placed in
parallel to this resistor to provide an RF ground and to ensure
performance remains unchanged at the operating frequency.
When current flows from drain to source and through the resistor,
the source voltage becomes biased above DC ground. The gate
pin of the device should be left unbiased at 0 V, which creates the
desired negative VGS value. This simplifies the design by
eliminating the need for a second DC supply. Values for resistor
components R1 and R2 can be changed to easily increase or
decrease the bias current to a desired level.
The first stage is biased at 20 percent of IDSS to achieve the best
NF performance. The gain and current of the 2nd stage amplifier
can be adjusted without degrading the overall NF. More current in
the 2nd stage yields better IP3 performance.
Biasing components R1, R2, C1, and C2 should be placed as
close to the package pins as possible. See Figure 12 for the
recommended board layout.
Source Inductance
The source inductance required on pins 1 and 8 (BIAS1 and BIAS2
signals, respectively) has been integrated on the die. This
simplifies board layout and reduces build variations.
Input and Output RF Matching Network
The input band-pass matching network consists of four
components. Component C1 serves as the input DC blocking
capacitor, C2 provides high frequency stability and improved input
return loss, and L1 and L2 are responsible for the best noise
match looking into the gate of the first stage amplifier.
Excess board trace should be eliminated at the input of the device
to minimize board losses. High-Q components should be used to
achieve the best NF of the amplifier. Murata GJM series
capacitors and Coilcraft HP or CS series inductors are
recommended. Any excess board or component loss on the input
of the device directly adds to the total measured NF.
The output matching network is band-pass network optimized for
output return loss.
The SKY65066-360LF Evaluation Board assembly diagram is
shown in Figure 13 and a circuit schematic is provided in
Figure 14.
Feedback
Feedback is implemented in the recommended circuit on the 2nd
stage transistor. Feedback improves the input and output return
loss and high frequency stability. The gain of the device can be
increased by increasing the value of R3, which reduces the
amount of feedback present (gain for multiple feedback resistor
values is shown in Figure 12).


Similar Part No. - SKY65066-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65008 SKYWORKS-SKY65008 Datasheet
142Kb / 11P
   250 - 2700 MHz Linear, Low Current Power Amplifier Driver
More results

Similar Description - SKY65066-360LF

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC667LP2 HITTITE-HMC667LP2 Datasheet
305Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
logo
Microsemi Corporation
LX5537 MICROSEMI-LX5537 Datasheet
112Kb / 2P
   InGaP HBT 2.3 - 2.7 GHz Power Amplifier
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
   2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
   2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com