Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSL-194TG Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MSL-194TG
Description  Surface Mount Chip LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-194TG Datasheet(HTML) 1 Page - Unity Opto Technology

  MSL-194TG Datasheet HTML 1Page - Unity Opto Technology MSL-194TG Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Chip LEDs
MSL-194TG
Description
The MSL-194TG, a TRUE GREEN source Chip
LED device, is designed in an indnstry standard
package suitable for SMT assembly method. It
utilizes InGaN on SiC LED chip technology and
water clear epoxy package.
Applications
l
Small Size
l
Industry Standard Footprint(0603)
l
Compatible with IR Solder process
l
Availalble in 8 mm Tape on 7"(178mm)
Diameteer Reels
Features
l
Push-Button Backlighting
l
LCD Backlighting
l
Symbol Backlighting
l
Front Panel Indicator
Absolute Maximum Ratings
Parameter
Symbol
Maximum Rating
Unit
Peak Forward Current(1/10 Duty Cycle@1KHz )
IFP
100
mA
DC Forward Current
IF
30
mA
Power Dissipation
PD
126
mW
Reverse Voltage
VR
5
V
Operating Temperature Range
TOPR
-20
oC to +80oC
Storage Temperature Range
TSTG
-30
oC to +100oC
Electrostatic Discharge Threshold
EOT
1000
V
11/24/2000
Unity Opto Technology Co., Ltd.
@ T
A=25
oC
NOTE:
1. All dimensions are in millimeter (inches)
2. Tolerance is ± 0.1mm (.004") unless otherwise specified.
POLARITY
Recommended Solder Patterns
Package Dimensions
0.80
(0.032)
0.80
(0.032)
0.72
(0.028)
0.80
(0.032)
CATHODE MARK
0.30
( 0.012 )
1.20
(0.047)
0.8
(0.032)
1.60
( 0.063 )
0.20
(0.008)
SOLDERING
TERMINAL
0.80
( 0.032 )
PCB
R.0.175
(0.007)


Similar Part No. - MSL-194TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-1947HB3 UOT-MSL-1947HB3 Datasheet
70Kb / 9P
   Surface Mount Chip LEDs
MSL-1947HB3-5 UOT-MSL-1947HB3-5 Datasheet
81Kb / 10P
   Surface Mount Chip LEDs
MSL-1947HB3-S UOT-MSL-1947HB3-S Datasheet
79Kb / 10P
   Surface Mount Chip LEDs
MSL-194B UOT-MSL-194B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194BV UOT-MSL-194BV Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
More results

Similar Description - MSL-194TG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com