Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65088 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY65088
Description  1.575 GHz GPS Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65088 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65088 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65088 LOW NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
October 14, 2009 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 201154A
Table 1. SKY65088 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
RF_IN
RF input
4
ENABLE
Power on/off control
2
VBIAS
Bias voltage
5
VCC
Source voltage
3
GND
Ground
6
RF_OUT
RF output
Table 2. SKY65088 Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Units
RF input power
PIN
0
dBm
Supply voltage
VCC
1.8
3.0
3.6
V
Supply current
ICC
6
12
mA
Storage temperature
TSTG
–65
125
C
Junction temperature
TJ
150
C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SKY65088 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
RF input power
PIN
–85
dBm
Supply voltage (measured at terminals of
Evaluation Board)
VCC
1.8
3.0
V
Frequency range
f
1500
1575
1600
MHz
Case operating temperature
TC
–40
+85
C
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY65088 are provided in
Table 2. The recommended operating conditions are specified in
Table 3 and electrical specifications are provided in Tables 4 and
5.
Performance characteristics for the SKY65088 are illustrated in
Figures 3 through 11.


Similar Part No. - SKY65088

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65080-70LF SKYWORKS-SKY65080-70LF Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
SKY65081-70LF SKYWORKS-SKY65081-70LF Datasheet
881Kb / 10P
   2000 to 3000 MHz Low-Noise Power Amplifier Driver
More results

Similar Description - SKY65088

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Motorola, Inc
MRFIC1502 MOTOROLA-MRFIC1502 Datasheet
163Kb / 7P
   1.575 GHz GPS DOWNCONVERTER
logo
Pulse A Technitrol Comp...
W3213 PULSE-W3213 Datasheet
1Mb / 3P
   1.575 GHz GPS Ceramic Patch Antenna
logo
Johanson Technology Inc...
1575AT54A0010 JOHANSON-1575AT54A0010 Datasheet
308Kb / 5P
   1.575 GHz Multilayer GPS Chip Antenna
logo
Pulse A Technitrol Comp...
W3110 PULSE-W3110 Datasheet
899Kb / 5P
   1.575 GHz Helical GPS SMD Antenna
logo
Tyco Electronics
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com