Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW18-D170 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # TW18-D170
Description  Wideband PLL Frequency Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW18-D170 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button TW18-D170 Datasheet HTML 4Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 5Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 6Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 7Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 8Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 9Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 10Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 11Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PRELIMINARY DATA SHEET • SKY73134 FREQUENCY SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
December 15, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201199A
Table 5. Electrical Specifications: Reference Input and Charge Pump (Note 1)
(TC = 25 C, Unless Otherwise Noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reference input frequency
FREF
10
200
MHz
Reference input sensitivity
200
900
mVp-p
Comparison frequency
FCOMP
20 × D
(Note 2)
200 × D
(Note 2)
800 × D
(Note 2)
kHz
Frequency step
FSTEP
20
200
800
kHz
Charge pump current
ICP
Step size = 0.6 mA
0.9
2.7
5.4
mA
Output voltage compliance range
0.4
VDD – 0.4
V
Comparison spurs
–70
–65
dBc
Locking time
20 kHz bandwidth, 1 ppm
frequency error
1
ms
Note 1: Performance is guaranteed only under the conditions listed in this Table.
Note 2: D is the VCO divider (1, 2, 3, 4, or 8).
Table 6. SKY73134 Electrical Specifications: VCO and RF Output Characteristics (Note 1)
(TC = +25 C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
VCO 1 frequency
2.7
3.4
GHz
VCO 2 frequency
3.3
4.2
GHz
VCO 3 frequency
3.8
4.8
GHz
VCO 4 frequency
4.7
6.0
GHz
VCO sensitivity
KVCO
12
20
38
MHz/V
VCO pushing
5
10
MHz/V
VCO control voltage
VCTRL
0.4
VDD – 0.4
V
RF power
–2
+2
+4
dBm
Note 1: Performance is guaranteed only under the conditions listed in this Table.
Table 7. SKY73134 Electrical Specifications: Phase Noise Performance (1 of 3) (Note 1)
(TC = +25 C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
In-Band Phase Noise, Closed Loop
Normalized in-band phase noise floor
ICP = 3.6 mA, PLL
bandwidth = 30 kHz
–211
dBc/Hz
In-band phase noise floor divide-by-1
ICP = 3.6 mA, PLL
bandwidth = 30 kHz
–211 + 20 × logN + 10log(FCOMP)
dBc/Hz
In-band phase noise floor divide-by-2
ICP = 3.6 mA, PLL
bandwidth = 30 kHz
–217 + 20 ×logN + 10log(FCOMP)
dBc/Hz
In-band phase noise floor divide-by-3
ICP = 3.6 mA, PLL
bandwidth = 30 kHz
–220 + 20 ×logN + 10log(FCOMP)
dBc/Hz
In-band phase noise floor divide-by-4
ICP = 3.6 mA, PLL
bandwidth = 30 kHz
–223 + 20 ×logN + 10log(FCOMP)
dBc/Hz
In-band phase noise floor divide-by-8
ICP = 3.6 mA, PLL
bandwidth = 30 kHz
–229 + 20 ×logN + 10log(FCOMP)
dBc/Hz


Similar Part No. - TW18-D170

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW18-D210 SKYWORKS-TW18-D210 Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
More results

Similar Description - TW18-D170

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Texas Instruments
LMX2581 TI1-LMX2581_14 Datasheet
1Mb / 56P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com