Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1640 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1640
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1640 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1640_09 Datasheet HTML 1Page - Maxim Integrated Products MAX1640_09 Datasheet HTML 2Page - Maxim Integrated Products MAX1640_09 Datasheet HTML 3Page - Maxim Integrated Products MAX1640_09 Datasheet HTML 4Page - Maxim Integrated Products MAX1640_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1640_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1640_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1640_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1640_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
4
_______________________________________________________________________________________
0.45
0.51
0.49
0.47
0.53
0.55
0.57
0.59
0.61
0.63
0.65
412
8
16202428
OFF-MODE SUPPLY CURRENT
(NO-LOAD)
INPUT VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
10,000
1
0
50
100 150 200 250
300 350 400
SWITCHING FREQUENCY vs. RTOFF
TOFF (k
Ω)
10
100
1000
VOUT = +3V
VOUT = +6V
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
40
60
50
80
70
90
100
26
8
10
4
12141618202224
EFFICIENCY vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
VIN = 12V
VIN = 18V
VIN = 26V
1.460
1.470
1.480
1.490
1.500
1.510
412
8
16202428
MAX1640
OUTPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
TA = -40°C
(VOUT = 4V)
TA = +25°C
TA = +85°C
1.450
1.470
1.460
1.490
1.480
1.500
1.510
26
8
10
4
12141618202224
MAX1640
OUTPUT CURRENT vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
TA = -40°C
TA = +85°C
TA = +25°C
1.450
1.475
1.500
1.525
1.550
412
8
16202428
MAX1641
OUTPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
TA = -40°C
(VOUT = 4V)
TA = +25°C
TA = +85°C
1.420
1.460
1.440
1.500
1.480
1.540
1.520
1.560
26
8
10
4
12141618202224
MAX1641
OUTPUT CURRENT vs. OUTPUT VOLTAGE
VOUT (V)
TA = -40°C
TA = +25°C
TA = +85°C
1.5
1.9
1.7
2.1
2.3
2.5
2.7
2.9
412
8
16202428
QUIESCENT CURRENT
vs. INPUT VOLTAGE (NO-LOAD)
INPUT VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
A: OUTPUT CURRENT, D1 = D0 = 1 1A/div
VLOAD = 3V
B: INPUT VOLTAGE, 10V/div
LINE-TRANSIENT RESPONSE
A
B
0A
0V
2ms/div


Similar Part No. - MAX1640_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1640C MAXIM-MAX1640C Datasheet
116Kb / 11P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
19-1245; Rev 0; 7/97
MAX1640D MAXIM-MAX1640D Datasheet
116Kb / 11P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
19-1245; Rev 0; 7/97
MAX1640EEE MAXIM-MAX1640EEE Datasheet
116Kb / 11P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
19-1245; Rev 0; 7/97
MAX1640EVKIT MAXIM-MAX1640EVKIT Datasheet
53Kb / 4P
   Fully Assembled and Tested
1997
More results

Similar Description - MAX1640_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1640 MAXIM-MAX1640 Datasheet
116Kb / 11P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
19-1245; Rev 0; 7/97
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Intersil Corporation
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com