Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1940 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1940
Description  Triple USB Switch with Autoreset and Fault Blanking
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1940 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1940_10 Datasheet HTML 1Page - Maxim Integrated Products MAX1940_10 Datasheet HTML 2Page - Maxim Integrated Products MAX1940_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1940_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1940_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1940_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1940_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1940_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1940_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Triple USB Switch with Autoreset and
Fault Blanking
4
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuit of Figure 2, VIN_ = 5V, CIN_ = 0.1µF, COUT_ = 1µF, ON_ = SEL, TA = +25°C, unless otherwise noted.)
QUIESCENT SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
10
20
30
40
50
60
70
0
05.5
ALL SWITCHES ACTIVE
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
61
62
63
64
65
66
67
68
69
70
60
-40
85
ALL SWITCHES ACTIVE
VIN_ = 5.5V
VIN_ = 5V
VIN_ = 4.5V
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.6
2.7
2.8
2.9
3.0
2.5
-40
85
ON_ = GND, VSEL = 5V
SWITCH OFF-LEAKAGE (ONE SWITCH)
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.1
1
10
100
1000
0.01
-40
85
ON_ = OUT_, VSEL = 5V
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.8
0.9
1.0
1.1
1.2
1.3
0.7
-40
85
CONTINUOUS CURRENT-LIMIT THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
904
908
912
916
920
900
-40
85
VIN_ = 5.0V
VIN_ = 5.5V
VIN_ = 4.5V
TURN-ON TIME (tON + tRISE)
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
3.1
3.2
3.3
3.4
3.5
3.0
-40
85
VIN_ = 5V
VIN_ = 4.5V
VIN_ = 5.5V
ROUT_ = 10
TEMPERATURE (
°C)
60
35
10
-15
2.7
2.8
2.9
3.0
3.1
3.2
3.3
2.6
-40
85
VIN_ = 5V
VIN_ = 5.5V
VIN_ = 4.5V
ROUT_ = 10
TURN-OFF TIME (tOFF + tFALL)
vs. TEMPERATURE
FAULT-BLANKING TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
19.5
20.0
20.5
21.0
21.5
22.0
19.0
-40
85
VIN_ = 5.5V
VIN_ = 5V
VIN_ = 4.5V


Similar Part No. - MAX1940_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940EEE MAXIM-MAX1940EEE Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
More results

Similar Description - MAX1940_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com