Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1946 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1946
Description  Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1946 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1946_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 10Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 11Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 12Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
An internal micropower charge pump generates a high-
side supply that drives the gate of an internal 75m
NMOS switch.
On/Off Control and Undervoltage
Lockout (UVLO)
SEL sets the active polarity of the logic input of the
MAX1946. Connect ON to the same voltage as SEL to
enable OUT. Connect ON to the opposite voltage as
SEL to disable OUT (see Table 1). The output enters a
high-impedance state when disabled.
The MAX1946 includes a UVLO circuit to prevent erro-
neous switch operation when the input voltage goes
low during startup and brownout conditions. Input volt-
ages less than 2.5V inhibit operation of the device.
FAULT asserts low during a UVLO condition.
Output Fault Protection and Autoreset
The MAX1946 senses the switch output voltage and
selects continuous current limiting for VOUT greater
than 1V or short-circuit current limiting for VOUT less
than 1V. When VOUT is greater than 1V, the device
operates in a continuous current-limit mode that limits
output current to 1.1A. When VOUT is less than 1V, the
device operates in short-circuit current-limit mode,
sourcing 1.2A pulses to the load. When either fault con-
dition persists for 20ms, the output turns off and the
fault flag asserts. The output automatically restarts
20ms after the short or overload is removed.
The MAX1946 detects short-circuit removal by sourcing
25mA from the output and monitoring the output volt-
age. When the voltage at the output exceeds 0.5V for
20ms, the fault flag resets, the output turns back on,
and the 25mA current source turns off.
Thermal Shutdown
When the MAX1946 die temperature exceeds +160°C
the switch turns off and FAULT goes low. Thermal shut-
down does not utilize the 20ms fault-blanking timeout
period. When the junction temperature cools by 15°C
the switch turns on again and FAULT returns high.The
switch cycles on and off if the overload condition per-
sists, resulting in a pulsed output that reduces the aver-
age system load.
Single USB Switch with Autoreset and
Fault Blanking in Tiny TDFN
_______________________________________________________________________________________
9
Figure 1. Functional Diagram
IN
OUT
25mA
THERMAL
SHUTDOWN
FAULT LOGIC
20ms TIMERS
GND
ON
SEL
UVLO
OSC
25kHz
IN
ILIM
CHARGE
PUMP
REF
BIAS
FAULT
MAX1946
Table 1. On/Off Control
SEL
ON
OUT BEHAVIOR
GND
ON
GND
VIN
OFF
GND
OFF
VIN
VIN
ON


Similar Part No. - MAX1946_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1946ETA MAXIM-MAX1946ETA Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
More results

Similar Description - MAX1946_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com