Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11802 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11802
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11802 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11802 Datasheet HTML 3Page - Maxim Integrated Products MAX11802 Datasheet HTML 4Page - Maxim Integrated Products MAX11802 Datasheet HTML 5Page - Maxim Integrated Products MAX11802 Datasheet HTML 6Page - Maxim Integrated Products MAX11802 Datasheet HTML 7Page - Maxim Integrated Products MAX11802 Datasheet HTML 8Page - Maxim Integrated Products MAX11802 Datasheet HTML 9Page - Maxim Integrated Products MAX11802 Datasheet HTML 10Page - Maxim Integrated Products MAX11802 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
_______________________________________________________________________________________
7
TERM
DEFINITION
FIFO
First-In First-Out Memory: The MAX11800–MAX11803 contain a 1024-bit FIFO that is used to store conversion
results when operating in autonomous conversion mode. FIFO depth indicates the number of words (16-bit
quantity) in the FIFO.
Scan
Scan: Generally, a single sequence of operations performed in DCM or ACM. The operations could include a
panel setup operation, followed by a panel measurement operation, or a combined measurement operation.
Scan Block
Scan Block: Generally, a sequence of multiple operations performed in DCM or ACM. The operations could
include panel-setup operations, panel-measurement operations, or combined measurement operations.
Timed Scan
Timed Scan: A scan or scan block operation that uses the on-chip oscillator and timer. The timer is controlled
through the configuration registers and represents an array of fixed (time) quantities that are user selectable
(MAX11800/MAX11801).
Untimed Scan
Untimed Scan: A scan or scan block operation that is controlled by the AP. This only applies to DCM.
TAG
Data Tag: Information appended to the end of an ADC conversion result. Tags indicate the type of measurement and
touch status associated with each panel observation. See the definitions for ETAG and MTAG (also in Table 1).
ETAG
Event Tag: Data tags indicating the panel touch status observed during a measurement.
MTAG
Measurement Tag: Data tag indicating the type of measurement read back by the AP (either X, Y, Z1, or Z2).
TIRQ
Touch Interrupt Request: Active-low interrupt, indicating that a touch is present (CINT) or has been initiated
(EINT) in DCM, or that new data is available in the FIFO in ACM.
EINT
Edge Interrupt Mode: Indicates, through TIRQ, that a touch has been initiated (EINT) in DCM. The duration that
TIRQ is low is user programmable.
CINT
Continuous Interrupt Mode: Indicates, through TIRQ, that a touch is present (CINT) in DCM. TIRQ goes low to
indicate the presence of a touch and stays low until the touch event ceases.
CORINT
Clear-on-Read Interrupt Mode: Used in ACM only. TIRQ goes low to indicate the presence of new FIFO data. The
interrupt is cleared when the data is read by the AP (MAX11800/MAX11801).
APER
Aperture Mode: Available in ACM only. Reduces data writes to the FIFO by spatially filtering measurement data.
CONT
Continuous Bit: An option in DCM to return the MAX11800–MAX11803 to a panel setup (wait) mode (PSU) after a
conversion, rather than a return to TDM (recommended only for applications with very long panel settling times and
request controlling their own averaging). The continuous bit resides in bit 0 (R0) of the PSU and PMC registers.
LPM
Low-Power Mode: An idle mode used in DCM/EINT or ACM modes, when a touch is detected at the conclusion of
the last measurement. This indicates a new measurement needs to be requested or scheduled (the touch-detect
pullup is not engaged to save power).
PUR
Pullup Rough: A fast pullup mode, which uses the main X+ switch in parallel with the on-chip resistive pullup
(50k
Ω/100kΩ) to quickly slew the touch panel capacitances. RPUR ≤ 10Ω typical.
PUF
Pullup Fine: A slow (fine) pullup mode, which uses the on-chip resistive pullup to slew the touch-panel
capacitances to their final values (RPUF = 50k
Ω or 100kΩ) typical and is required for all applications.
SAR ADC
Successive Approximation Register ADC: An analog-to-digital converter that converts a continuous analog
waveform into a discrete digital representation through a binary search through all possible quantization levels
before finally converging upon a digital output for each conversion.
I2C
Inter-Integrated Circuit: A multimaster serial computer bus that is used to attach low-speed peripherals to other
components using two bidirectional open-drain lines, serial data (SDA) and serial clock (SCL), pulled up with
resistors.
SPI
Serial Peripheral Interface: A serial interface in which a master device supplies clock pulses to exchange data
serially with a slave over two data wires (master-slave and slave-master).
Table 1. Terminology (continued)


Similar Part No. - MAX11802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11802 MAXIM-MAX11802 Datasheet
3Mb / 18P
   Direct Conversion Mode Demonstration Capability
Rev 0; 10/10
MAX11802ETC++ MAXIM-MAX11802ETC+ Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11802ETC+T MAXIM-MAX11802ETC+T Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11802EWC+T MAXIM-MAX11802EWC+T Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11802EWC+T MAXIM-MAX11802EWC+T Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
More results

Similar Description - MAX11802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com