Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14840EASA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14840EASA+
Description  40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14840EASA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14840EASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX14840EASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX14840EASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX14840EASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX14840EASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX14840EASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX14840EASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX14840EASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX14840EASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 ______________________________________________________________________________________
40Mbps, +3.3V, RS-485 Half-Duplex
Transceivers
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
VCC ..................................................................... -0.3V to +6.0V
RE, RO .................................................. -0.3V to +(VCC + 0.3V)
DE, DI .................................................................. -0.3V to +6.0V
A, B.................................................................... -8.0V to +13.0V
Short-Circuit Duration (RO, A, B) to GND ............... Continuous
Continuous Power Dissipation (TA = +70NC)
8-Pin SO (derate 7.6mW/NC above +70NC) ............... 606mW
8-Pin TDFN (derate 24.4mW/NC above +70NC) ....... 1951mW
Junction-to-Case Thermal Resistance (BJC) (Note 1)
8-Pin SO.......................................................................38NC/W
8-Pin TDFN ....................................................................8NC/W
Junction-to-Ambient Thermal Resistance (BJA) (Note 1)
8-Pin SO ....................................................................132NC/W
8-Pin TDFN ..................................................................41NC/W
Operating Temperature Range ...................... -40NC to +125NC
Junction Temperature .................................................. +150NC
Storage Temperature Range ......................... -65NC to +150NC
Lead Temperature (soldering, 10s) ...............................+300NC
Soldering Temperature (reflow) ......................................+260NC
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = -40NC to +125NC, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25NC.) (Notes 2, 3)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VCC
3.0
3.6
V
Supply Current
ICC
DE = RE = VCC, or
DE = RE = GND, or
DE = VCC, RE = GND,
DI = VCC or GND, no load
1.5
4
mA
Shutdown Supply Current
ISH
DE = GND and RE = VCC
10
F
A
DRIVER
Differential Driver Output
VOD
RL = 54I, Figure 1
1.5
V
Change in Magnitude of
Differential Output Voltage
D
VOD
RL = 54I, Figure 1 (Note 4)
-0.2
0
+0.2
V
Driver Common-Mode Output
Voltage
VOC
RL = 54I, Figure 1
VCC/2
3
V
Change in Common-Mode
Voltage
D
VOC
RL = 54I, Figure 1 (Note 4)
-0.2
0.2
V
Single-Ended Driver Output High
VOH
A/B output, IOUT = -20mA
2.2
V
Single-Ended Driver Output Low
VOL
A/B output, IOUT = 20mA
0.8
V
Driver Short-Circuit Output
Current
|IOSD|
0V P VOUT P +12V, output low
250
mA
-7V P VOUT P VCC, output high
250
RECEIVER
Input Current (A and B)
IA,B
DE = GND,
VCC = GND or +3.6V
VIN = +12V
1000
F
A
VIN = -7V
-800
Differential Input Capacitance
CA,B
Between A and B, DE = GND, f = 2MHz
12
pF


Similar Part No. - MAX14840EASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
More results

Similar Description - MAX14840EASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
   Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com