Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11800EWC+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11800EWC+T
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11800EWC+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11800EWC+T Datasheet HTML 5Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 6Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 7Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 8Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 9Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 10Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 11Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 12Page - Maxim Integrated Products MAX11800EWC+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
_______________________________________________________________________________________
9
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SDA, DIN, SCL, CLK, A0, CS, A1)
Input Logic-High Voltage
VIH
0.7 x
VDD
V
Input Logic-Low Voltage
VIL
0.3 x
VDD
V
Input Leakage Current
IIN
VIN = 0V or VDD
-1
+1
μA
Input Hysteresis
VHYS
0.5 x
VDD
V
Input Capacitance
6pF
DIGITAL OUTPUTS (SDA, DOUT, TIRQ)
DOUT, ISOURCE = 1mA
0.9 x
VDD
Output Logic-High
VOH
TIRQ, CMOS configuration, ISOURCE = 1mA
0.9 x
VDD
V
Output Logic-Low—TIRQ, DOUT
VOL
ISINK = 1mA
0.4
V
Output Logic-Low—SDA
VOL
ISINK = 3mA
0.4
V
TIRQ Pullup Resistor
125
k
Ω
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 1.7V to 3.6V, TA = -40°C to +85°C (MAX11800E–MAX11803E), TA = -40°C to +105°C (MAX11800G/MAX11801G), unless oth-
erwise noted. Typical values are at TA = +25°C and VDD = 3.3V, unless otherwise noted.)
I2C TIMING CHARACTERISTICS
(VDD = 1.7V to 3.6V, TA = -40°C to +85°C (MAX11801E and MAX11803E), TA = -40°C to +105°C (MAX11801G), unless otherwise
noted. Typical values are at TA = +25°C and VDD = 3.3V, unless otherwise noted. See Figure 1.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial-Clock Frequency
fSCL
0
400
kHz
Bus Free Time
tBUF
Bus free time between STOP and START
condition
1.3
μs
Hold Time for START Condition
tHD;STA
After this period, the first clock pulse is
generated
0.6
μs
SCL Pulse-Width Low
tLOW
1.3
μs
SCL Pulse-Width High
tHIGH
0.6
μs
Setup Time for Repeated START
(Sr) Condition
tSU;STA
0.6
μs
Data Hold Time
tHD;DAT
0
900
ns
Data Setup Time
tSU;DAT
100
ns
SDA and SCL Rise/Fall Time
tR, tF
Receiving
20 +
CB/10
300
ns
SDA and SCL Fall Time
tTF
Transmitting
20 +
CB/10
250
ns
Setup Time for STOP Condition
tSU;STO
0.6
μs
VDD = 1.7V to 2.7V
10
100
Bus Capacitance Allowed
CB
VDD = 2.7V to 3.6V
10
400
pF
Pulse Width of Suppressed Spike
tSP
50
ns


Similar Part No. - MAX11800EWC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800EWC+T MAXIM-MAX11800EWC+T Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800EWC+T MAXIM-MAX11800EWC+T Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
More results

Similar Description - MAX11800EWC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com