Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14841EASA+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14841EASA+
Description  40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14841EASA+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14841EASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX14841EASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX14841EASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX14841EASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX14841EASA+ Datasheet HTML 11Page - Maxim Integrated Products MAX14841EASA+ Datasheet HTML 12Page - Maxim Integrated Products MAX14841EASA+ Datasheet HTML 13Page - Maxim Integrated Products MAX14841EASA+ Datasheet HTML 14Page - Maxim Integrated Products MAX14841EASA+ Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
______________________________________________________________________________________ 11
40Mbps, +3.3V, RS-485 Half-Duplex
Transceivers
Function Table
X = Don’t care.
Note: Shutdown mode, driver, and receiver outputs are in high impedance.
Functional Diagram
RO
DI
A
B
DE
GND
VCC
R
D
RE
SHUTDOWN
MAX14840E
MAX14841E
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B
A
X
1
1
0
1
X
1
0
1
0
0
0
X
High Impedance
High Impedance
1
0
X
Shutdown (see note)
RECEIVING (MAX14840E)
INPUTS
OUTPUTS
RE
DE
A-B
RO
0
X
R
200mV
1
0
X
P
-200mV
0
0
X
Open/Shorted
Previous State
1
1
X
High Impedance
1
0
X
Shutdown (see note)
RECEIVING (MAX14841E)
INPUTS
OUTPUTS
RE
DE
A-B
RO
0
X
R
-10mV
1
0
X
P
-200mV
0
0
X
Open/Shorted
1
1
1
X
High Impedance
1
0
X
Shutdown (see note)


Similar Part No. - MAX14841EASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1484 MAXIM-MAX1484 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
   MAX14840PMB1 Peripheral Module
Rev 0; 5/12
MAX14842 MAXIM-MAX14842 Datasheet
1Mb / 13P
   6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
MAX14842ATE++ MAXIM-MAX14842ATE+ Datasheet
1Mb / 13P
   6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
More results

Similar Description - MAX14841EASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
   Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com