Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5801ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5801ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADL5801
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Spur Performance....................................................................... 10
Circuit Description......................................................................... 11
LO Amplifier and Splitter.......................................................... 11
RF Voltage-to-Current (V-to-I) Converter............................. 11
Mixer Core .................................................................................. 11
Mixer Output Load .................................................................... 11
RF Detector ................................................................................. 11
Bias Circuit.................................................................................. 12
Applications Information .............................................................. 13
Basic Connections...................................................................... 13
RF and LO Ports ......................................................................... 13
IF Port .......................................................................................... 14
Evaluation Board ............................................................................ 15
Outline Dimensions....................................................................... 17
Ordering Guide .......................................................................... 17
REVISION HISTORY
2/10—Revision 0: Initial Version


Similar Part No. - ADL5801ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802 AD-ADL5802 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802ACPZ-R7 AD-ADL5802ACPZ-R7 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
More results

Similar Description - ADL5801ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343 Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
logo
Qorvo, Inc
CMD257C4 QORVO-CMD257C4 Datasheet
259Kb / 11P
   6-10 GHz High IP3 I/Q Mixer
logo
Custom MMIC Design Serv...
CMD257C4 MMIC-CMD257C4 Datasheet
259Kb / 11P
   6-10 GHz High IP3 I/Q Mixer
logo
Qorvo, Inc
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD253 QORVO-CMD253 Datasheet
327Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
HBH Microwave GmbH
HX5001 HBH-HX5001 Datasheet
21Kb / 1P
   4 - 6 GHz Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com