Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCTDF2WW253 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTDF2WW253
Description  D TYPE CONNECTORS - TURNED PIN WIRE WRAP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTDF2WW253 Datasheet(HTML) 1 Page - Dubilier

  DBCTDF2WW253 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
268
D TYPE CONNECTORS - TURNED PIN
WIRE WRAP
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
9, 15, 25, 37 or 50 way
Turned Pin (Machined) Contact
Gold Plated Contacts
Yellow Zinc Metal or Tin Housings available
Current Rating - 5Amps
DBC
Dubilier
Connectors
TD
Series
TD=TurnPinD
M1
ConnectorType
M1=Male(plug)zinc
F1=Female(socket)zinc
M2=Male(plug)Tin
F2=Female(socket)Tin
WW
ContactStyle
WW=WireWrap
NºofWays
09=9ways
15=15ways
25=25ways
37=37ways
50=50ways
09
3
Mechanical:
Termination:
HandSolder
DipSolderstraight
DipSolder90°C
WireWrap0.6x0.6mm
Polarisation:
bytrapezoidalshell
Coupling:
byfriction,lockingbyspecialaccessories
Withdrawal force:
ca.0.5Npercontact
Material and Finishes:
Shellsteelwithyellowpassivationover
zincplate(standard),
steelnickelplatedandtinned
Insulators:
Twopartmouldings,polyester,
glassfibrere-enforced,
flameretardedaccordingUL94V0
Contacts:
Goldplatedovernickel
Insertion Cycles:
500
Electrical:
Creeping Current Stability: KB220accordingtoDIN53480
Working Current:
5Apercontactwith20AWGcable
Working Voltages:
300Vrms
Test Voltage:
1000Vrms
Contact Resistance:
below5x10-3
Insulation Resistance:
over10M
Temperature Range:
-55°Cto125°C
A
B
C
D
E
F
G
9 WAY
30.8
25.0
12.4
22.2
13.0
20.5
11.4
15 WAY
39.2
33.3
12.4
30.5
13.0
28.8
11.4
25 WAY
53.1
47.0
12.4
44.3
13.0
42.5
11.4
37 WAY
69.5
63.5
12.4
60.7
13.0
59.1
11.4
50 WAY
67
61.1
15.4
58.3
13.0
56.3
14.1
Dimension-mm
SOCKET
G
10ϒ
B
F
3.2ø
2.5
E
10ϒ
B
D
3.2ø
2.5
PLUG
SHELLDIMENSIONS
A
C
B
"
"
4
6
1
0.6
4.5
10
STRAIGHTpinsfortoPCB
0.6
12
17.5
Wirewrap,terminalslength12.0mm


Similar Part No. - DBCTDF2WW253

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTDF2WW253 DUBILIER-DBCTDF2WW253 Datasheet
499Kb / 4P
   D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
More results

Similar Description - DBCTDF2WW253

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
155-1077 CAMBION-155-1077 Datasheet
117Kb / 1P
   Wire Wrap Pin - 2 Wrap, Turned, .055 (1,40) Mounting Hole (#54 Drill)
logo
Dubilier
DBCTDM1SS093 DUBILIER-DBCTDM1SS093 Datasheet
115Kb / 1P
   D TYPE CONNECTORS - TURNED PIN PCB STRAIGHT PIN
logo
CAMBION Electronic Comp...
155-3867 CAMBION-155-3867 Datasheet
118Kb / 1P
   Wire Wrap Pin - 2 wrap, Turned, .055 (1,40) Mounting Hole (#54 Drill)
155-3848 CAMBION-155-3848 Datasheet
119Kb / 1P
   Wire Wrap Pin - 2 wrap, Turned, .055 (1,40) Mounting Hole (#54 Drill)
155-3866 CAMBION-155-3866 Datasheet
118Kb / 1P
   Wire Wrap Pin - 3 wrap, Turned, .055 (1,40) Mounting Hole (#54 Drill)
155-3854 CAMBION-155-3854 Datasheet
117Kb / 1P
   Wire Wrap Pin - 3 wrap, Turned, .055 (1,40) Mounting Hole (#54 Drill)
logo
Dubilier
DBCTDM1SB093 DUBILIER-DBCTDM1SB093 Datasheet
499Kb / 4P
   D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
DBCTDM1SR093A DUBILIER-DBCTDM1SR093A Datasheet
116Kb / 1P
   D TYPE CONNECTORS - TURNED PIN PCB - RIGHT ANGLE PIN
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
   WIRE WRAP PIN
2.27.06
logo
Assmann Electronics Inc...
AR-32-HZW-T ASSMANN-AR-32-HZW-T Datasheet
273Kb / 1P
   IDC-Socket, 32 Pin, Wire Wrap
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com