Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G4200D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: three-axis digital output gyroscope
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 3 Page - STMicroelectronics

  L3G4200D Datasheet HTML 1Page - STMicroelectronics L3G4200D Datasheet HTML 2Page - STMicroelectronics L3G4200D Datasheet HTML 3Page - STMicroelectronics L3G4200D Datasheet HTML 4Page - STMicroelectronics L3G4200D Datasheet HTML 5Page - STMicroelectronics L3G4200D Datasheet HTML 6Page - STMicroelectronics L3G4200D Datasheet HTML 7Page - STMicroelectronics L3G4200D Datasheet HTML 8Page - STMicroelectronics L3G4200D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
L3G4200D
List of tables
Doc ID 17116 Rev 1
3/24
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 3.
Filter values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 4.
Mechanical characteristics @ Vdd = 3.0 V, T = 25 °C unless otherwise noted . . . . . . . . . . 8
Table 5.
Electrical characteristics @ Vdd =3.0 V, T=25 °C unless otherwise noted. . . . . . . . . . . . . . 9
Table 6.
SPI slave timing values. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 7.
I2C slave timing values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 8.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 9.
Serial interface pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 10.
I2C terminology. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 11.
SAD+Read/Write patterns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 12.
Transfer when Master is writing one byte to slave . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 13.
Transfer when Master is writing multiple bytes to slave . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 14.
Transfer when Master is receiving (reading) one byte of data from slave . . . . . . . . . . . . . 17
Table 15.
Transfer when Master is receiving (reading) multiple bytes of data from slave . . . . . . . . . 17
Table 16.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23


Similar Part No. - L3G4200D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
L3G4200DTR STMICROELECTRONICS-L3G4200DTR Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
More results

Similar Description - L3G4200D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3G4IS STMICROELECTRONICS-L3G4IS Datasheet
478Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
Rev 1 December 2011
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
   MEMS motion sensor three-axis digital output accelerometer
October 2017 Rev 3
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
   MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
December 2013 Rev 3
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹500째/s analog output gyroscope
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹1500째/s analog output gyroscope
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
   MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com