Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STIEC45-33AS Datasheet(PDF) 4 Page - STMicroelectronics

Part # STIEC45-33AS
Description  Transil??for IEC 61000-4-5 compliance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-33AS Datasheet(HTML) 4 Page - STMicroelectronics

  STIEC45-33AS Datasheet HTML 1Page - STMicroelectronics STIEC45-33AS Datasheet HTML 2Page - STMicroelectronics STIEC45-33AS Datasheet HTML 3Page - STMicroelectronics STIEC45-33AS Datasheet HTML 4Page - STMicroelectronics STIEC45-33AS Datasheet HTML 5Page - STMicroelectronics STIEC45-33AS Datasheet HTML 6Page - STMicroelectronics STIEC45-33AS Datasheet HTML 7Page - STMicroelectronics STIEC45-33AS Datasheet HTML 8Page - STMicroelectronics STIEC45-33AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STIEC45-XXAS
4/9
Doc ID 16871 Rev 1
Figure 4.
Clamping voltage at 500 A (1.2/50 µs - 8/20 µs)
Surge current
100 A/div
5 µs/div
Remaining voltage - STIEC45-24AS
5 µs/div
10 V/div
Remaining voltage - STIEC45-26AS
5 µs/div
10 V/div
Remaining voltage - STIEC45-28AS
Remaining voltage- STIEC45-33AS
Remaining voltage - STIEC45-30AS
5 µs/div
5 µs/div
5 µs/div
10 V/div
10 V/div
10 V/div
Figure 5.
Junction capacitance versus
reverse applied voltage
(typical values)
Figure 6.
Peak forward voltage drop
versus peak forward current
(typical values)
100
1000
10000
1
10
100
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
STIEC45-33AS
STIEC45-24AS
C (pF)
VR(V)
1.E- 02
1.E- 01
1.E+00
1.E+01
1.E+02
1.E+03
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
I (A)
FM
V (V)
FM
T = 25 °C
j
T = 150 °C
j


Similar Part No. - STIEC45-33AS

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
STI MITSUMI-STI Datasheet
152Kb / 2P
   Small Type Tactile Switches
logo
List of Unclassifed Man...
STI-01(T)-110N ETC2-STI-01(T)-110N Datasheet
232Kb / 8P
   Crimping tools and machines
STI-01(T)-110N ETC2-STI-01(T)-110N Datasheet
224Kb / 8P
   APPLICATION TOOLING
STI-01-110N ETC1-STI-01-110N Datasheet
254Kb / 7P
   TERMINAL
STI-01T-110N ETC1-STI-01T-110N Datasheet
254Kb / 7P
   TERMINAL
More results

Similar Description - STIEC45-33AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3353 STMICROELECTRONICS-AN3353 Datasheet
178Kb / 9P
   IEC 61000-4-2 standard testing
logo
Total Power Internation...
TPAC250 TOTAL-POWER-TPAC250 Datasheet
496Kb / 2P
   MEET IEC 61000-3-2 HARMONIC CORRECTION
logo
STMicroelectronics
ESDA6V1M6 STMICROELECTRONICS-ESDA6V1M6 Datasheet
237Kb / 11P
   4- and 5-line Transil??arrays for ESD protection
logo
Nexperia B.V. All right...
IP4234CZ6 NEXPERIA-IP4234CZ6 Datasheet
190Kb / 11P
   Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 3.0 - 31 January 2018
logo
Total Power Internation...
TPAC500 TOTAL-POWER-TPAC500 Datasheet
408Kb / 2P
   MEET IEC 61000-3-2 HARMONIC CORRECTION
logo
NXP Semiconductors
IP4234CZ6 NXP-IP4234CZ6 Datasheet
68Kb / 9P
   Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
IP4234CZ6 PHILIPS-IP4234CZ6_15 Datasheet
68Kb / 9P
   Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
logo
Nexperia B.V. All right...
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
   High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
logo
Guangdong Youtai Semico...
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
logo
NXP Semiconductors
PRTR5V0U6AS NXP-PRTR5V0U6AS Datasheet
57Kb / 7P
   High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01-18 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com