Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1209SPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1209SPWR
Description  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1209SPWR Datasheet(HTML) 5 Page - Texas Instruments

  ADS1209SPWR Datasheet HTML 1Page - Texas Instruments ADS1209SPWR Datasheet HTML 2Page - Texas Instruments ADS1209SPWR Datasheet HTML 3Page - Texas Instruments ADS1209SPWR Datasheet HTML 4Page - Texas Instruments ADS1209SPWR Datasheet HTML 5Page - Texas Instruments ADS1209SPWR Datasheet HTML 6Page - Texas Instruments ADS1209SPWR Datasheet HTML 7Page - Texas Instruments ADS1209SPWR Datasheet HTML 8Page - Texas Instruments ADS1209SPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
R
650W
ON
C
1pF
(SAMPLE)
BVDD
D
IN
BGND
AVDD
A
IN
AGND
DiodeTurn-OnVoltage:0.35V
EquivalentDigitalInputCircuit
EquivalentAnalogInputCircuit
ADS1209
www.ti.com
SBAS491 – FEBRUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
Over operating ambient temperature range of –40°C to +105°C, AVDD = 5V, BVDD = 3V, CHx+ = 0.2V to 4.8V, CHx– =
2.5V, VREFIN = VREFOUT = 2.5V (internal), CLKIN = 20MHz, and 16-bit Sinc
3 filter with OSR = 256, unless otherwise noted.
ADS1209
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DIGITAL INPUTS
Logic family
LVCMOS
VIH
High-level input voltage
BVDD = 3.6V
2
BVDD + 0.3
V
VIL
Low-level input voltage
BVDD = 2.7V
–0.3
0.8
V
IIN
Input current
VIN = BVDD or BGND
±50
nA
CI
Input capacitance
5
pF
DIGITAL OUTPUTS
Logic family
LVCMOS
VOH
High-level output voltage
BVDD = 2.7V, IOH = –100mA
BVDD – 0.2
V
VOL
Low-level output voltage
BVDD = 2.7V, IOL = +100mA
0.2
V
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format
Bit stream
POWER SUPPLY
AVDD
Analog supply voltage
4.5
5.0
5.5
V
Low-voltage levels
2.7
3.0
3.6
V
BVDD
Buffer I/O supply voltage
5V logic levels
4.5
5.0
5.5
V
CLKSEL = 1
12.2
17
mA
AIDD
Analog operating supply current
CLKSEL = 0
11.8
16
mA
BVDD = 3V, CLKOUT = 10MHz
0.9
2
mA
BIDD
Buffer I/O operating supply current
BVDD = 5V, CLKOUT = 10MHz
1.3
3
mA
CLKSEL = 1, 5V supply
67.5
100.0
mW
PD
Power dissipation
CLKSEL = 0, 5V supply
65.5
95
mW
BLANKSPACE
EQUIVALENT INPUT CIRCUITS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1209


Similar Part No. - ADS1209SPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209SPWR TI-ADS1209SPWR Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1209SPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com