Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD8F003 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD8F003
Description  FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD8F003 Datasheet(HTML) 1 Page - Texas Instruments

  TPD8F003 Datasheet HTML 1Page - Texas Instruments TPD8F003 Datasheet HTML 2Page - Texas Instruments TPD8F003 Datasheet HTML 3Page - Texas Instruments TPD8F003 Datasheet HTML 4Page - Texas Instruments TPD8F003 Datasheet HTML 5Page - Texas Instruments TPD8F003 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ch1_In
16
1
Ch2_In
15
2
Ch3_In
14
3
Ch4_In
13
4
Ch5_In
12
5
Ch6_In
11
6
Ch1_Out
Ch2_Out
Ch3_Out
Ch4_Out
Ch5_Out
Ch6_Out
Ch7_In
10
7
Ch8_In
9
8
Ch7_Out
Ch8_Out
TPD8F003
3.3 mm x 1.35 mm x 0.75 mm
(0.4-mm pitch)
Ch1_In
12
1
Ch2_In
11
2
Ch3_In
10
3
Ch4_In
9
4
Ch5_In
8
5
Ch6_In
7
6
Ch1_Out
Ch2_Out
Ch3_Out
Ch4_Out
Ch5_Out
Ch6_Out
TPD6F003
2.5 mm x 1.35 mm x 0.75 mm
(0.4-mm pitch)
Ch1_In
8
1
Ch2_In
7
2
Ch3_In
6
3
Ch4_In
5
4
Ch1_Out
Ch2_Out
Ch3_Out
Ch4_Out
TPD4F003
1.7 mm x 1.35 mm x 0.75 mm
(0.4-mm pitch)
TPD4F003, TPD6F003, TPD8F003
www.ti.com
SLLS907D – AUGUST 2008 – REVISED JANUARY 2010
FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
Check for Samples: TPD4F003, TPD6F003, TPD8F003
1
FEATURES
Four-, Six-, and Eight-Channel EMI Filtering for
Space-Saving DQD Packages and
Data Ports
Flow-Through Pin Mapping Provide Optimum
Filter Performance
–3 dB Bandwidth 200 MHz
Greater than 25dB attenuation at 1 GHz
APPLICATIONS
Robust ESD Protection Exceeds IEC61000-4-2
LCD Display Interfaces
(Level 4)
Cell Phones
±15-kV Human-Body Model (HBM)
SVGA Video Connections
±12-kV IEC 61000-4-2 Contact Discharge
Personal Digital Assistants (PDAs)
±20-kV IEC 61000-4-2 Air-Gap Discharge
Pi-Style (C-R-C) Filter Configuration
(R = 100
Ω, CTOTAL = 17 pF)
Low 10-nA Leakage Current
DQD PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
The TPD4F003, TPD6F003, and TPD8F003 are 4-, 6-, and 8-channel EMI filters in space-saving 0.4-mm pitch
DQD packages. The low-pass filter arrays reduce EMI emissions and provide system level ESD protection.
Because of its small package and easy-to-use pin assignments, the TPDxF003 filters ar suitable for a wide array
of applications such as mobile handsets, PDAs, video consoles, notebook computers, etc. In particular, these
filters are ideal for EMI filtering and protecting data lines from ESD at the LCD display, keypad, and memory
interfaces.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD8F003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD8F003 TI-TPD8F003 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD8F003DQDR TI-TPD8F003DQDR Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
More results

Similar Description - TPD8F003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
logo
ON Semiconductor
EMI7204MU ONSEMI-EMI7204MU Datasheet
187Kb / 7P
   Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
September, 2010 ??Rev. 0
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
   Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
[Old version datasheet]   FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
   SIX LINE EMI FILTER WITH ESD PROTECTION
logo
ON Semiconductor
CM6205 ONSEMI-CM6205 Datasheet
161Kb / 5P
   EMI Filters with ESD Protection for Audio
February, 2011 ??Rev. 0
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
   4-Channel EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com