Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S015YFFRB Datasheet(PDF) 2 Page - Texas Instruments

Part # TPD12S015YFFRB
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S015YFFRB Datasheet(HTML) 2 Page - Texas Instruments

  TPD12S015YFFRB Datasheet HTML 1Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 2Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 3Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 4Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 5Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 6Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 7Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 8Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
uC
HDMI PHY
hdmi_clkm
O
hdmi_clkp
O
hdmi_data0m
O
hdmi_data0p
O
hdmi_data1m
O
hdmi_data1p
O
hdmi_data2m
O
hdmi_data2p
O
HDMI Sideband
hdmi_cec
IO
hdmi_hpd
I
hdmi_scl
IO
hdmi_sda
IO
vdda_hdmi_vdac
P
vssa_hdmi_vdac
GND
PMIC
Regulator
Vdac_out
O
vdds_1p8
P
V1V8
O
Battery
vbat
VBAT
O
GPIO_HDMI-LS_OE
O
GPIO_HDMI-
CT_CP_HPD
O
HDMI-TPD12S015-Configuration A
TPD12S015
HDMI Connector
HDMI Source side
CEC_A
IO
SCL_A
IO
SDA_A
IO
HPD_A
O
HDMI Sink side
CEC_B
IO
SCL_B
IO
SDA_B
IO
HPD_B
I
CLK-
DATA0-
DATA 0+
CEC
VCCA
CLK+
DATA1-
DATA 1+
DATA2-
DATA 2+
DDC-SC
DDC-SDA
HPD
Connecto
CLk+
I
DATA 0-
I
DATA 0+
I
DATA 1-
I
DATA 1+
I
DATA 2-
I
DATA 2+
I
SCL
IO
+5V
P
CLK-
I
SDA
IO
CEC
IO
HPD
O
LS_OE
VBAT
C
L
K
+
I
C
L
K
-
I
D
0
+
I
D
0
-
I
D
1
+
I
D
1
-
I
D
2
+
I
D
2
-
I
CT_CP_HPD
+5V
TMDS signal
Power Supplies
SW
I
5VOUT(+5v)
O
Control Lines
VCCA
I
LS_OE
I
CT_CP_HPD
I
GND
A
3.3V LDO
5V DC-DC
CHDMI-VBAT
2.2µF
CHDMI-VCCA
0.1µF
LHDMI-VBAT
1 µH
CHDMI-5v
4.7 µH
FB
I
VBAT
I
TPD12S015
SLLSE19A – DECEMBER 2009 – REVISED JANUARY 2010
www.ti.com
There are three non-inverting bi-directional translation circuits for the SDA, SCL, and CEC lines. Each have a
common power rail (VCCA) on the A side from 1.1 V to 3.6V . On the B side, the SCL_B and SDA_B each have
an internal 1.75 k
Ω pullup connected to the regulated 5 V rail (5VOUT). The SCL and SDA pins meet the I2C
specification and drive up to 750 pF loads. The CEC_B pin has an internal 27 k
Ω pullup to an internal 3.3 V
supply.
The HPD_B port has a glitch filter to avoid false detection due to the bouncing while inserting the HDMI plug.
The TPD12S015 provides IEC61000-4-2 (Level 4) ESD protection. This device is offered in a space-saving 1.6
mm × 2.8 mm wafer-level chip scale package [WCSP (YFF)] with 0.4-mm pitch.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TPD12S015YFFR
PN015
–40°C to 85°C
WCSP – YFF
Tape and reel
TPD12S015YFFRB(3)
PN015
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
The TPD12S015YFFRB is the YFF package with back-side coating.
SYSTEM-LEVEL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD12S015


Similar Part No. - TPD12S015YFFRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015 TI1-TPD12S015 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

Similar Description - TPD12S015YFFRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com