Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2505B1RGWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2505B1RGWR
Description  INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2505B1RGWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2505B1RGWR Datasheet HTML 4Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 5Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 6Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 7Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 8Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 9Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 10Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 11Page - Texas Instruments TPS2505B1RGWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPS2505
SPAS093A – DECEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
FAULT1/2
FAULT1/2 are open-drain outputs that indicate when the USB switches are in an overcurrent or over-temperature
condition. FAULT1/2 have a fixed internal deglitch of tDEG to prevent false triggering from noise or transient
conditions. FAULT1/2 assert low if the USB switches remain in an overcurrent condition for longer than tDEG.
FAULT1/2 de-assert when the overcurrent condition is removed after waiting for the same tDEG period.
Over-temperature conditions bypass the internal delay period and assert/de-assert the FAULT1/2 output
immediately upon entering or leaving an over-temperature condition. FAULT1/2 are asserted low when VAUX falls
below VTRIP (4.6 V, typical).
ENUSB1/2
ENUSB1/2 are logic-level inputs that enable the USB switches. Pull ENUSB1/2 above 1 V to enable the USB
switches and below 0.7 V to disable the USB switches. ENUSB1/2 only enables the USB switches. The boost
converter is independent of ENUSB1/2 and continues to operate even when ENUSB disables the USB switch.
USB1/2
USB1/2 are the outputs of the USB switches and should be connected to the USB connectors to provide USB
power. Although the device does not require it for operation, a bulk capacitor may be connected from USB to
PGND to meet USB standard requirements. See the latest USB 2.0 specification for further details.
AUX
AUX is the boost converter output and provides power to the USB switches and to any additional load connected
to AUX. Internal feedback regulates AUX to 5.1 V. Connect a 22-µF ceramic capacitor from AUX to PGND to
filter the boost converter output. See COMPONENT RECOMMENDATIONS for further details. Additional external
load can be connected to AUX as long as the total current drawn by the USB switches and external load does
not overload the boost converter. See Determining the Maximum Allowable AUX and USB1/2 Current for details.
SW
SW is the internal boost converter connection of the low-side N-channel MOSFET drain and the high-side
P-channel drain. Connect the boost inductor from IN to SW close to the device to minimize parasitic effects on
the device operation.
THERMAL PAD
The thermal pad connection is used to heat-sink the device to the printed-circuit board (PCB). The thermal pad
may not be connected externally to a potential other than ground because it is connected to GND internally. The
thermal pad must be soldered to the PCB to remove sufficient thermal energy in order to stay within the
recommended operating range of the device.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2505


Similar Part No. - TPS2505B1RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2505B1RGWR TI1-TPS2505B1RGWR Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
More results

Similar Description - TPS2505B1RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
logo
Richtek Technology Corp...
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
   Boost Converter for WLED Power with Dual LDO
logo
Silicon Mitus, Inc.
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
   PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
Richtek Technology Corp...
RT9287 RICHTEK-RT9287 Datasheet
372Kb / 13P
   Boost Converter for OLED Power with Dual LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com