Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78330DDCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78330DDCR
Description  500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78330DDCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS78330DDCR Datasheet HTML 5Page - Texas Instruments TPS78330DDCR Datasheet HTML 6Page - Texas Instruments TPS78330DDCR Datasheet HTML 7Page - Texas Instruments TPS78330DDCR Datasheet HTML 8Page - Texas Instruments TPS78330DDCR Datasheet HTML 9Page - Texas Instruments TPS78330DDCR Datasheet HTML 10Page - Texas Instruments TPS78330DDCR Datasheet HTML 11Page - Texas Instruments TPS78330DDCR Datasheet HTML 12Page - Texas Instruments TPS78330DDCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TPS78327
GND
EN
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.7V
On
Off
90
80
70
60
50
40
30
20
10
0
5 10
20
30
40
50
60
70
80
90
100
DutyCycle(TimeinActiveMode)(%)
Battery,V
=3.0V
TPS783,V
=2.2V
CC
CC
TPS783xx
www.ti.com
SBVS133 – FEBRUARY 2010
APPLICATION INFORMATION
X5R- and X7R-type capacitors are best because they
APPLICATION EXAMPLES
have minimal variation in value and ESR over
temperature. Maximum ESR should be less than
The TPS783 family of LDOs is factory-programmable
1.0
Ω. With tolerance and dc bias effects, the
to have a fixed output. Note that during startup or
minimum capacitance to ensure stability is 1mF.
steady-state conditions, it is important that the EN pin
voltage never exceed VIN + 0.3V.
EXTENDING BATTERY LIFE IN KEEP-ALIVE
CIRCUITRY APPLICATIONS FOR MSP430
AND OTHER LOW-POWER
MICROCONTROLLERS
One of the primary advantages of a low quiescent
current LDO is its extremely low energy requirement.
Counter-intuitively, this requirement enables a longer
battery life compared to using only the battery as an
unregulated
voltage
supply
for
low-power
microcontrollers such as the MSP430. Figure 19
illustrates
the
characteristic
performance
of
an
unregulated (3.0V) battery supply versus a regulated
TPS783 supply for a typical MSP430 application.
Figure 18. Typical Application Circuit
INPUT AND OUTPUT CAPACITOR
REQUIREMENTS
Although an input capacitor is not required for
stability, it is good analog design practice to connect
a 0.1mF to 1.0mF low equivalent series resistance
(ESR) capacitor across the input supply near the
regulator. This capacitor counteracts reactive input
sources and improves transient response, noise
rejection,
and
ripple
rejection.
A
higher-value
capacitor may be necessary if large, fast rise-time
load transients are anticipated, or if the device is not
located near the power source. If source impedance
is not sufficiently low, a 0.1mF input capacitor may be
necessary to ensure stability.
Calculated with an MSP430F model, operating at 6MHz.
The TPS783 series are designed to be stable with
Figure 19. Battery Life Comparison vs Duty Cycle
standard ceramic capacitors with values of 1.0mF or
for MSP430 Application
larger at the output.
Table 2 summarizes this comparison.
Table 2. Battery Life Comparison vs Active Mode Time for MSP430 Application
DUTY CYCLE
TPS783xx
BATTERY
1mA LDO
CONDITION/PERFORMANCE
(%)
(NO. OF DAYS)
(NO. OF DAYS)
(NO. OF DAYS)
Efficiency with VBAT = 3.0V and VCC = 2.2V (VO/VI)
73%
100%
73%
LDO quiescent current (IQ)
0.5mA
0
1mA
MSP430 active current
2.19mA
3.09mA
2.19mA
MSP430 low-power current
0.5mA
0.6mA
0.5mA
Active mode, 1 sec/hour
0.028
5742
6286
4373
Active mode, 10 sec/hour
0.28
1320
998
1085
Active mode, 100 sec/hour
2.8
151
106
148
Active mode, 1000 sec/hour
28
15.4
10.7
15.4
Active mode, 100% duty cycle (on all the time)
100
4.2
3.0
4.2
Copyright © 2010, Texas Instruments Incorporated
9


Similar Part No. - TPS78330DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78330DDCR TI-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI1-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI-TPS78330DDCR Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78330DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com