Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSL-824UOL Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MSL-824UOL
Description  SIDE LOOK PACKAGE SOLID STATE LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-824UOL Datasheet(HTML) 1 Page - Unity Opto Technology

  MSL-824UOL Datasheet HTML 1Page - Unity Opto Technology MSL-824UOL Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDE LOOK PACKAGE
SOLID STATE LAMP
MSL-824UOL
Description
Package Dimensions
The MSL-824UOL is designed based on an industry
standard package for ease of handing and use.
Units : mm
The package is water clear epoxy within white plastic.
Applications
l
LCD backlighting
l
Symbol backlighting
l
Front panel indicator
Features
l
High performance
l
Excellent chip to chip consistency
l
High reliability
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Symbol
Maximum Rating
Unit
Power Dissipation
Pad
100
mW
Continuous Forward Current
Iaf
35
mA
Reverse Current(VR=5V)
IR
10
µA
Operating Temperature Range
Topr
Storage Temperature Range
Tstg
11/06/2000
-40
oC to +85oC
-40
oC to +85oC
Lead Soldering Temperature 260
oC for 5 second (2.0mm From Body)
Unity Opto Technology Co., Ltd.
Notes :
1. All dimensions are in millimeters.
2. Tolerance is ± 0.1 mm unless otherwise noted.
A
C


Similar Part No. - MSL-824UOL

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-824UG UOT-MSL-824UG Datasheet
38Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-824UYL UOT-MSL-824UYL Datasheet
37Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
More results

Similar Description - MSL-824UOL

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-854UOL UOT-MSL-854UOL Datasheet
37Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-854UYL UOT-MSL-854UYL Datasheet
37Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MVL-824HW UOT-MVL-824HW Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-854SG UOT-MSL-854SG Datasheet
33Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-854SO UOT-MSL-854SO Datasheet
36Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-824HG1 UOT-MSL-824HG1 Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-824SO UOT-MSL-824SO Datasheet
40Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-824B UOT-MSL-824B Datasheet
37Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-824HG UOT-MSL-824HG Datasheet
22Kb / 1P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-824UG UOT-MSL-824UG Datasheet
38Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
MSL-824UYL UOT-MSL-824UYL Datasheet
37Kb / 2P
   SIDE LOOK PACKAGE SOLID STATE LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com