Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS783 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS783
Description  500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS783 Datasheet(HTML) 5 Page - Texas Instruments

  TPS783 Datasheet HTML 1Page - Texas Instruments TPS783 Datasheet HTML 2Page - Texas Instruments TPS783 Datasheet HTML 3Page - Texas Instruments TPS783 Datasheet HTML 4Page - Texas Instruments TPS783 Datasheet HTML 5Page - Texas Instruments TPS783 Datasheet HTML 6Page - Texas Instruments TPS783 Datasheet HTML 7Page - Texas Instruments TPS783 Datasheet HTML 8Page - Texas Instruments TPS783 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
V
(V)
IN
-40 C
°
+25 C
°
+85 C
°
+105 C
°
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
V
(V)
IN
3
2
1
0
1
2
3
-
-
-
-40 C
°
+25 C
°
+85 C
°
+105 C
°
3
2
1
0
1
2
3
-
-
-
-40 C
°
+25 C
°
+85 C
°
+105 C
°
0
25
50
75
100
125
150
I
(mA)
OUT
-40 C
°
+25 C
°
+85 C
°
+105 C
°
0
25
50
75
100
125
150
I
(mA)
OUT
200
150
100
50
0
10mA
50mA
150mA
100mA
250
200
150
100
50
0
-40 -25 -10
5
20
35
50
65
80
95
110 125
T (
)
J
C
°
TPS783xx
www.ti.com
SBVS133 – FEBRUARY 2010
TYPICAL CHARACTERISTICS
Over the operating temperature range of TJ = –40°C to +105°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100mA, VEN = VIN, COUT = 1mF, and CIN = 1mF, unless otherwise noted.
TPS78330 LINE REGULATION
TPS78330 LINE REGULATION
IOUT = 5mA, VOUT(NOM) = 3.0V
IOUT = 150mA, VOUT(NOM) = 3.0V
Figure 1.
Figure 2.
TPS78330 LOAD REGULATION
TPS78330 DROPOUT VOLTAGE vs OUTPUT CURRENT
VIN = 3.5V, VOUT(NOM) = 3.0V
VOUT(NOM) = 3.0V, VIN = 0.95 × VOUT(NOM)
Figure 3.
Figure 4.
TPS78330 DROPOUT VOLTAGE vs JUNCTION TEMPERATURE
VOUT(NOM) = 3.0V, VIN = 0.95 × VOUT(NOM)
Figure 5.
Copyright © 2010, Texas Instruments Incorporated
5


Similar Part No. - TPS783

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS783 TI-TPS783 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78318DDCR TI-TPS78318DDCR Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78318DDCT TI-TPS78318DDCT Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78319DDCR TI-TPS78319DDCR Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78319DDCT TI-TPS78319DDCT Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS783

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com