Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9224RGZT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9224RGZT
Description  Digital PWM System Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9224RGZT Datasheet(HTML) 3 Page - Texas Instruments

  UCD9224RGZT Datasheet HTML 1Page - Texas Instruments UCD9224RGZT Datasheet HTML 2Page - Texas Instruments UCD9224RGZT Datasheet HTML 3Page - Texas Instruments UCD9224RGZT Datasheet HTML 4Page - Texas Instruments UCD9224RGZT Datasheet HTML 5Page - Texas Instruments UCD9224RGZT Datasheet HTML 6Page - Texas Instruments UCD9224RGZT Datasheet HTML 7Page - Texas Instruments UCD9224RGZT Datasheet HTML 8Page - Texas Instruments UCD9224RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
UCD9224
www.ti.com
SLVSA35 – JANUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER INPUTS EAPn, EANn
VCM
Common mode voltage each pin
–0.15
1.848
V
VERROR
Internal error voltage range
AFE_GAIN field of CLA_GAINS = 0(1)
–256
248
mV
EAP-EAN
Error voltage digital resolution
AFE_GAIN field of CLA_GAINS = 3
1
mV
REA
Input Impedance
Ground reference
0.5
1.5
3
M
Ω
IOFFSET
Input offset current
1 k
Ω source impedence
–5
5
µA
Vref 10-bit DAC
Vref
Reference voltage setpoint
0
1.6
V
Vrefres
Reference voltage resolution
1.56
mV
ANALOG INPUTS CS-1A, CS-1B, CS-2A, CS-3A, Vin/Iin, Temperature, ADDR-0, ADDR-1, Vtrack, ADCref
VADDR_OPEN
Voltage indicating open pin
ADDR-0, ADDR-1 open
2.37
V
VADDR_SHORT
Voltage indicating shorted pin
ADDR-0, ADDR-1 short to ground
0.36
V
Inputs: Vin/Iin, Vtrack, Vtemperature CS-1A,
VADC_RANGE
Measurement range for voltage monitoring
0
2.5
V
CS-1B, CS-2A, CS-3A
Over-current comparator threshold voltage
VOC_THRS
Inputs: CS-1A, CS-1B, CS-2A, CS-3A
0.032
2
V
range(2)
Over-current comparator threshold voltage
VOC_RES
Inputs: CS-1A, CS-1B, CS-2A, CS-3A
31.25
mV
range
ADCref
External reference input
1.8
V33A
V
Tempinternal
Int. temperature sense accuracy
Over range from 0°C to 125°C
–5
5
°C
INL
ADC integral nonlinearity
–2.5
2.5
mV
Ilkg
Input leakage current
3V applied to pin
100
nA
RIN
Input impedance
Ground reference
8
M
Ω
CIN
Current Sense Input capacitance
10
pF
DIGITAL INPUTS/OUTPUTS
DGND1
VOL
Low-level output voltage
IOL = 6 mA
(3), V
33D = 3 V
V
+0.25
V33D
VOH
High-level output voltage
IOH = -6 mA
(4), V
33D = 3 V
V
–0.6V
VIH
High-level input voltage
V33D = 3V
2.1
3.6
V
VIL
Low-level input voltage
V33D = 3.5 V
1.4
V
SYSTEM PERFORMANCE
VRESET
Voltage where device comes out of reset
V33D Pin
2.3
2.4
V
tRESET
Pulse width needed for reset
nRESET pin
2
µs
Vref commanded to be 1V at 25°C,
VRefAcc
Setpoint reference accuracy
–10
10
mV
AFEgain = 4, 1V input to EAP/N measured at
output of the EADC(5)
Setpoint reference accuracy over temperature –40°C to 125°C
–20
20
mV
VDiffOffset
Differential offset between gain settings
AFEgain = 4 compared to AFEgain = 1, 2, or 8
–4
4
mV
240 + 1
tDelay
Digital compensator delay
240
switching
ns
cycle
FSW
Switching frequency
15.260
2000
kHz
Duty
Max and Min duty cycle
0%
100%
V33 slew rate between 2.3V and 2.9V,
V33Slew
Minimum V33 slew rate during power on
0.25
V/ms
V33A = V33D
tretention
Retention of configuration parameters
TJ = 25°C
100
Years
Write_Cycles
Number of nonvolatile erase/write cycles
TJ = 25°C
20
K cycles
(1)
See the UCD92xx PMBus Command Reference for the description of the AFE_GAIN field of CLA_GAINS command.
(2)
Can be disabled by setting to '0'0
(3)
The maximum IOL, for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop specified.
(4)
The maximum IOH, for all outputs combined, should not exceed 48 mA to hold the maximum voltage drop specified.
(5)
With default device calibration. PMBus calibration can be used to improve the regulation tolerance
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - UCD9224RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9224RGZT TI-UCD9224RGZT Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9224RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com