Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9248 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9248
Description  Digital PWM System Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9248 Datasheet(HTML) 5 Page - Texas Instruments

  UCD9248 Datasheet HTML 1Page - Texas Instruments UCD9248 Datasheet HTML 2Page - Texas Instruments UCD9248 Datasheet HTML 3Page - Texas Instruments UCD9248 Datasheet HTML 4Page - Texas Instruments UCD9248 Datasheet HTML 5Page - Texas Instruments UCD9248 Datasheet HTML 6Page - Texas Instruments UCD9248 Datasheet HTML 7Page - Texas Instruments UCD9248 Datasheet HTML 8Page - Texas Instruments UCD9248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UCD9248
www.ti.com
SLVSA33 – JANUARY 2010
HARDWARE FAULT DETECTION LATENCY
The controller contains hardware fault detection circuits that are independent of the ADC monitoring sequencer.
PARAMETER
TEST CONDITIONS
MAX
UNIT
tFAULT
Time to disable DPWM output based on corresponding
15 + 3 ×
High level on FAULT pin
µs
active FLTpin
NumPhases
Time to disable the first DPWM output based on
Step change in CS voltage from 0V to
Switch
4
internal analog comparator fault
2.5V
Cycles
tCLF
Time to disable all remaining DPWM and SRE outputs
Step change in CS voltage from 0V to
10 + 3 ×
configured for the voltage rail after an internal analog
µs
2.5V
NumPhases
comparator fault
PMBUS/SMBUS/I2C
The timing characteristics and timing diagram for the communications interface that supports I2C, SMBus and
PMBus are shown below.
I
2C/SMBus/PMBus TIMING CHARACTERISTICS
TA = –40°C to 125°C, 3V < V33 < 3.6V, typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSMB
SMBus/PMBus operating frequency
Slave mode; SMBC 50% duty cycle
10
1000
kHz
fI2C
I2C operating frequency
Slave mode; SCL 50% duty cycle
10
1000
kHz
t(BUF)
Bus free time between start and stop
4.7
µs
t(HD:STA)
Hold time after (repeated) start
0.26
µs
t(SU:STA)
Repeated start setup time
0.26
µs
t(SU:STO)
Stop setup time
0.26
µs
t(HD:DAT)
Data hold time
Receive mode
0
ns
t(SU:DAT)
Data setup time
50
ns
t(TIMEOUT)
Error signal/detect
See (1)
35
ms
t(LOW)
Clock low period
0.5
µs
t(HIGH)
Clock high period
See (2)
0.26
50
µs
t(LOW:SEXT)
Cumulative clock low slave extend time
See (3)
25
ms
tFALL
Clock/data fall time
See (4)
120
ns
tRISE
Clock/data rise time
See (5)
120
ns
(1)
The UCD9248 times out when any clock low exceeds t(TIMEOUT).
(2)
t(HIGH), max, is the minimum bus idle time. SMBC = SMBD = 1 for t > 50 ms causes reset of any transaction involving UCD9248 that is
in progress.
(3)
t(LOW:SEXT) is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(4)
Rise time tRISE = VILMAX – 0.15) to (VIHMIN + 0.15)
(5)
Fall time tFALL = 0.9 V33 to (VILMAX – 0.15)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - UCD9248

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240 TI-UCD9240 Datasheet
565Kb / 21P
[Old version datasheet]   UCD9240 Digital Point of Load System Controller
UCD9240 TI-UCD9240 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9248

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com