Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2654BIGN-H16PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2654BIGN-H16PBF
Description  Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2654BIGN-H16PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2654BIGN-H16PBF Datasheet HTML 7Page - Linear Technology LTC2654BIGN-H16PBF Datasheet HTML 8Page - Linear Technology LTC2654BIGN-H16PBF Datasheet HTML 9Page - Linear Technology LTC2654BIGN-H16PBF Datasheet HTML 10Page - Linear Technology LTC2654BIGN-H16PBF Datasheet HTML 11Page - Linear Technology LTC2654BIGN-H16PBF Datasheet HTML 12Page - Linear Technology LTC2654BIGN-H16PBF Datasheet HTML 13Page - Linear Technology LTC2654BIGN-H16PBF Datasheet HTML 14Page - Linear Technology LTC2654BIGN-H16PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2654
11
2654f
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation
Current Limiting
Headroom at Rails
vs Output Current
Offset Error vs Temperature
Zero-Scale Error vs Temperature
Gain Error vs Temperature
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Settling to ±1LSB (12-Bit) Rising
LTC2654-12
LTC2654-16
CODE
0
1.0
0.5
0
–0.5
–1.0
1024
3072
2654 G15
4095
2048
VCC = 5V
VREF = 2.048V
CODE
0
1.0
0.5
0
–0.5
–1.0
1024
3072
2654 G16
4095
2048
VCC = 3V
VREF = 1.25V
CS/LD
5V/DIV
VOUT
1mV/DIV
2654 G17
2μs/DIV
4.6μs
1/4 SCALE TO 3/4 SCALE STEP
VCC = 5V, VFS = 4.095V, RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
IOUT (mA)
INTERNAL REF
CODE = MID-SCALE
–50
10
4
6
8
2
0
–4
–2
–6
–8
–10
–30
–40
40
30
2654 G18
50
–20 –10 0
10 20
VCC = 5V (LTC2654-H)
VCC = 3V (LTC2654-L)
IOUT (mA)
INTERNAL REF
CODE = MID-SCALE
–50
0.20
0.05
0.10
0.15
0
–0.05
–0.10
–0.15
–0.20
–30
–40
40
30
2654 G19
50
–20 –10 0
10 20
VCC = 5V (LTC2654-H)
VCC = 3V (LTC2654-L)
IOUT (mA)
0
5.0
3.5
4.0
4.5
3.0
2.5
2.0
1.0
0.5
1.5
0
2
19
8
2654 G20
10
34567
5V (LTC2654-H) SOURCING
3V (LTC2654-L) SOURCING
5V (LTC2654-H) SINKING
3V (LTC2654-H) SINKING
TEMPERATURE (°C)
–50
3
1
2
0
–1
–2
–3
–10
–30
110
2654 G21
130
10
30
50
70
90
TEMPERATURE (°C)
–50
3.0
2.0
2.5
1.5
1.0
0.5
0
–10
–30
110
2654 G22
130
10
30
50
70
90
TEMPERATURE (°C)
–50
64
32
16
48
0
–32
–16
–48
–64
–10
–30
110
2654 G23
130
10
30
50
70
90


Similar Part No. - LTC2654BIGN-H16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2654 LINER-LTC2654 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2654 LINER-LTC2654 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results

Similar Description - LTC2654BIGN-H16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com