Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3026 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3026
Description  1.5A Low Input Voltage VLDO Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3026 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3026_1 Datasheet HTML 6Page - Linear Technology LTC3026_1 Datasheet HTML 7Page - Linear Technology LTC3026_1 Datasheet HTML 8Page - Linear Technology LTC3026_1 Datasheet HTML 9Page - Linear Technology LTC3026_1 Datasheet HTML 10Page - Linear Technology LTC3026_1 Datasheet HTML 11Page - Linear Technology LTC3026_1 Datasheet HTML 12Page - Linear Technology LTC3026_1 Datasheet HTML 13Page - Linear Technology LTC3026_1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC3026
0
3026fd
operaTion
Figure 1. Output Load Step Response
LDO Operation
An undervoltage lockout comparator (UVLO) senses the
BST pin voltage to ensure that the bias supply for the LDO
is greater than 4.2V before enabling the LDO. If BST is
below 4.2V, the UVLO shuts down the LDO, and OUT is
pulled to GND through the external divider.
The LDO provides a high accuracy output capable of
supplying 1.5A of output current with a typical dropout
voltage of only 100mV. A single ceramic capacitor as
small as 10µF is all that is required for output bypassing.
A low reference voltage allows the LTC3026 output to be
programmed to much lower voltages than available in
common LDOs (range of 0.4V to 2.6V).
The devices also include current limit and thermal over-
load protection, and will survive an output short-circuit
indefinitely. The fast transient response of the follower
output stage overcomes the traditional trade-off between
dropout voltage, quiescent current and load transient
response inherent in most LDO regulator architectures,
see Figure 1.
Figure 2. Soft-Start with Boost Disable
Figure 3. Programming the LTC3026
the LDO reference voltage from 0V to 0.4V over a period
of approximately 200µs, see Figure 2.
IOUT
1.5A
0mA
OUT
AC 20mV/DIV
100µs/DIV
VOUT = 1.5V
COUT = 10µF
VIN = 1.7V
VB = 5V
3026 F01
SHDN
OUT
PG
HI
LO
100µs/DIV
TA = 25°C
ROUT = 1
VIN = 1.7V
VB = 5V
1.5V
1.5V
0V
0V
3026 F02
VOUT
ADJ
GND
COUT
R2
R1
LTC3026
3026 F03
VOUT 0.4V 1
R2
R1
The LTC3026 also includes a soft-start feature to prevent
excessive current flow at VIN during start-up. When the
LDO is enabled, the soft-start circuitry gradually increases
Adjustable Output Voltage
The output voltage is set by the ratio of two external resis-
tors as shown in Figure 3. The device servos the output
to maintain the ADJ pin voltage at 0.4V (referenced to
ground). Thus, the current in R1 is equal to 0.4V/R1. For
goodtransientresponse,stabilityandaccuracythecurrent
in R1 should be at least 80µA, thus, the value of R1 should
be no greater than 5k. The current in R2 is the current in
R1 plus the ADJ pin bias current. Since the ADJ pin bias
current is typically <10nA it can be ignored in the output
voltage calculation. The output voltage can be calculated
using the formula in Figure 3. Note that in shutdown the
output is turned off and the divider current will be zero
once COUT is discharged.


Similar Part No. - LTC3026_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3026-1 LINER-LTC3026-1_15 Datasheet
193Kb / 16P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026_1208 LINER-LTC3026_1208 Datasheet
265Kb / 18P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026 LINER-LTC3026_15 Datasheet
265Kb / 18P
   1.5A Low Input Voltage VLDO Linear Regulator
More results

Similar Description - LTC3026_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3026 LINER-LTC3026 Datasheet
201Kb / 16P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026_1208 LINER-LTC3026_1208 Datasheet
265Kb / 18P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026-1 LINER-LTC3026-1_15 Datasheet
193Kb / 16P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026 LINER-LTC3026_15 Datasheet
265Kb / 18P
   1.5A Low Input Voltage VLDO Linear Regulator
logo
AiT Semiconductor Inc.
A6115 AITSEMI-A6115 Datasheet
658Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 1.5A LINEAR REGULATOR
REV2.2
logo
Infineon Technologies A...
IFX1963TBV INFINEON-IFX1963TBV Datasheet
1Mb / 25P
   1.5A Low Dropout Linear Voltage Regulator
Rev. 1.0, 2013-02-25
logo
HTC Korea TAEJIN Techno...
TJ49150 HTC-TJ49150 Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
209Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com