Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3032EDETRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3032EDETRPBF
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032EDETRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3032EDETRPBF Datasheet HTML 2Page - Linear Technology LT3032EDETRPBF Datasheet HTML 3Page - Linear Technology LT3032EDETRPBF Datasheet HTML 4Page - Linear Technology LT3032EDETRPBF Datasheet HTML 5Page - Linear Technology LT3032EDETRPBF Datasheet HTML 6Page - Linear Technology LT3032EDETRPBF Datasheet HTML 7Page - Linear Technology LT3032EDETRPBF Datasheet HTML 8Page - Linear Technology LT3032EDETRPBF Datasheet HTML 9Page - Linear Technology LT3032EDETRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3032
6
3032f
TYPICAL PERFORMANCE CHARACTERISTICS
Positive Side GND Pin Current
vs ILOAD
Negative Side GND Pin Current
vs ILOAD
SHDNP Pin Threshold
SHDNN Pin Thresholds
SHDNP Pin Input Current
SHDNP Pin Input Current
INN Quiescent Current
Positive Side GND Pin Current
Negative Side GND Pin Current
INN VOLTAGE (V)
–40
–35
–30
–25
–20
–15
–10
–5
–0
3032 G10
0
–1 –2 –3 –4 –5 –6 –7 –8 –9 –10
TJ = 25°C
RL = 250k
IL = –5μA
VSHDNN = VINN
VSHDNN = 0V
INP VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3032 G11
0123
4
5
67
8
9
10
RL = 8.07Ω
IL = 150mA*
RL = 12.2Ω
IL = 100mA*
RL = 24.4Ω
IL = 50mA*
TJ = 25°C
VINP = VSHDNP
*FOR VOUTP = 1.22V
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
3032 G12
0
–1 –2 –3 –4 –5 –6 –7 –8 –9 –10
RL = 12.2Ω
IL = –100mA*
RL = 24.4Ω
IL = –50mA*
RL = 122Ω
IL = –10mA*
TJ = 25°C; VSHDNN = VINN;
*FOR VOUTN = –1.22V
RL = 8.07Ω
IL = –150mA*
INN VOLTAGE (V)
POSITIVE LOAD CURRENT (mA)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3032 G13
020
40
60
80
100 120 140 160
VINP = VOUTP(NOMINAL) + 1V
TJ = 25°C
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
3032 G14
0
–40 –60
–20
–80
–120 –140
–100
–160
VINN = VOUTN(NOMINAL) – 1V
TJ = –50°C
TJ = 25°C
TJ = 125°C
NEGATIVE LOAD CURRENT (mA)
TEMPERATURE (°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
3032 G15
–25
25
100
125
IL = 1mA
ON
OFF
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
3032 G16
ON
ON
OFF
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
SHDNP PIN VOLTAGE (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3032 G17
0123
4
5
67
8
9
10
TEMPERATURE (°C)
–50
100
3032 G18
050
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–25
25
75
125
VSHDNP = 20V


Similar Part No. - LT3032EDETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3032 LINER-LT3032 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Analog Devices
LT3032 AD-LT3032 Datasheet
3Mb / 45P
   Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
logo
Linear Technology
LT3032 LINER-LT3032_12 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
More results

Similar Description - LT3032EDETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032_12 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Analog Devices
LT3097 AD-LT3097 Datasheet
3Mb / 45P
   Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com