Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3032IDETRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3032IDETRPBF
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDETRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3032IDETRPBF Datasheet HTML 4Page - Linear Technology LT3032IDETRPBF Datasheet HTML 5Page - Linear Technology LT3032IDETRPBF Datasheet HTML 6Page - Linear Technology LT3032IDETRPBF Datasheet HTML 7Page - Linear Technology LT3032IDETRPBF Datasheet HTML 8Page - Linear Technology LT3032IDETRPBF Datasheet HTML 9Page - Linear Technology LT3032IDETRPBF Datasheet HTML 10Page - Linear Technology LT3032IDETRPBF Datasheet HTML 11Page - Linear Technology LT3032IDETRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3032
8
3032f
TYPICAL PERFORMANCE CHARACTERISTICS
INN-to-OUTN Ripple Rejection
INP-to-OUTP Ripple Rejection
INN-to-OUTN Ripple Rejection
Minimum INP Pin Voltage
Minimum INN Pin Voltage
Positive Load Regulation
Reverse OUTP Pin Current
INP-to-OUTP Ripple Rejection
INP-to-OUTP Ripple Rejection
TEMPERATURE (°C)
–50
30
25
20
15
10
5
0
0
50
75
3032 G28
–25
25
100
125
VINP = 0V
VOUTP = 1.22V
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
3032 G29
100
100k
IL = 150mA
VINP = VOUTP(NOMINAL) +
1.5V + 50mVRMS RIPPLE
CBYPP = 0
COUTP = 2.2μF
COUTP = 10μF
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
3032 G30
100
100k
IL = 150mA
VINP = VOUTP(NOMINAL) +
1.5V + 50mVRMS RIPPLE
COUTP = 10μF
CBYPP = 0.01μF
CBYPP = 100pF
CBYPP = 1000pF
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
3032 G31
IL = –150mA
VINN = VOUTN(NOMINAL) – 1.5V +
50mVRMS RIPPLE
CBYPN = 0
COUTN = 10μF
COUTN = 1μF
TEMPERATURE (°C)
–50
100
3032 G32
050
68
66
64
62
60
58
56
54
52
–25
25
75
125
VINP = VOUTP(NOMINAL) +
1.5V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 150mA
TEMPERATURE (°C)
60
58
56
54
52
50
48
46
44
3032 G33
VINN = VOUTN(NOMINAL) – 1.5V +
0.5VP-P RIPPLE AT f = 120Hz
IL = –150mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
–50
0
50
75
3032 G34
–25
25
100
125
IL = 150mA
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
IL = 1mA
VOUTP = 1.22V
TEMPERATURE (°C)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
3032 G35
IL = –150mA
IL = –1mA
–50
–25
0
25
50
75
100
125
NOTE: THE SHDNN PIN THRESHOLD
MUST BE MET TO ENSURE
DEVICE OPERATION
TEMPERATURE (°C)
0
–4
–2
–6
–8
–10
–12
–14
–16
–18
–20
3032 G36
–50
–25
0
25
50
75
100
125
VINP = VOUTP(NOMINAL) +1V
ΔIL = 1mA TO 150mA


Similar Part No. - LT3032IDETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3032 LINER-LT3032 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Analog Devices
LT3032 AD-LT3032 Datasheet
3Mb / 45P
   Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
logo
Linear Technology
LT3032 LINER-LT3032_12 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
More results

Similar Description - LT3032IDETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032_12 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Analog Devices
LT3097 AD-LT3097 Datasheet
3Mb / 45P
   Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com