Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3127EDDPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3127EDDPBF
Description  1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3127EDDPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3127EDDPBF Datasheet HTML 1Page - Linear Technology LTC3127EDDPBF Datasheet HTML 2Page - Linear Technology LTC3127EDDPBF Datasheet HTML 3Page - Linear Technology LTC3127EDDPBF Datasheet HTML 4Page - Linear Technology LTC3127EDDPBF Datasheet HTML 5Page - Linear Technology LTC3127EDDPBF Datasheet HTML 6Page - Linear Technology LTC3127EDDPBF Datasheet HTML 7Page - Linear Technology LTC3127EDDPBF Datasheet HTML 8Page - Linear Technology LTC3127EDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3127

3127f
Typical perForMance characTerisTics
Average Input Current Limit
vs VIN (Normalized)
Average Input Current Limit
vs Temperature (Normalized)
Quiescent Current vs VIN (Fixed
Frequency Mode–Not Switching)
Burst Mode Quiescent Current
vs VIN
No Load Input Current vs VIN in
Burst Mode Operation
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
(TJ = 25°C, unless otherwise noted )
VIN (V)
1.8
–1
2
2.6
3.4
4.2
–3
–2
–4
–5
1
0
2.2
3
5
3.8
4.6
5.4
3127 G04
VOUT = 3.3V
RPROG = 32.4k
TEMPERATURE (°C)
–45
–1
2
–15
15
45
–3
–2
–4
–5
1
0
–30
0
75
30
60
90
3127 G05
VOUT = 3.3V
RPROG = 32.4k
PWM
BURST
LOAD CURRENT (mA)
0.1
10
100
1000
1
3127 G01
VIN = 1.8V
VIN = 3.6V
VIN = 5V
40
50
60
70
80
30
20
10
0
90
100
VOUT = 1.8V
BURST
PWM
LOAD CURRENT (mA)
0.1
10
100
1000
1
3127 G02
VIN = 2.9V
VIN = 3.6V
VIN = 4.3V
40
50
60
70
80
30
20
10
0
90
100
VOUT = 3.3V
100
10
1000
1
0.1
10000
BURST
PWM
LOAD CURRENT (mA)
3127 G03
VIN = 4.5V
VIN = 5V
VIN = 5.5V
40
50
60
70
80
30
20
10
0
90
100
VOUT = 5V
VIN (V)
1.8
51.5
52.0
4.6
51.0
50.5
2.6
3.4
2.2
3
3.8
5
4.2
5.4
49.0
48.5
50.0
52.5
49.5
3127 G08
VOUT = 3.3V
VIN (V)
1.8
390
410
4.6
370
350
2.6
3.4
2.2
3
3.8
5
4.2
5.4
290
270
330
430
310
3127 G06
VIN (V)
1.8
35
38
2.6
3.4
4.2
33
34
32
37
36
2.2
3
5
3.8
4.6
5.4
3127 G07


Similar Part No. - LTC3127EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3127 LINER-LTC3127 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
More results

Similar Description - LTC3127EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
   1A Low Noise, Buck-Boost DC/DC Converter
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
logo
Richtek Technology Corp...
RT8032 RICHTEK-RT8032 Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com