Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3060EDCTR Datasheet(PDF) 10 Page - Linear Technology

Part # LT3060EDCTR
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060EDCTR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3060EDCTR Datasheet HTML 6Page - Linear Technology LT3060EDCTR Datasheet HTML 7Page - Linear Technology LT3060EDCTR Datasheet HTML 8Page - Linear Technology LT3060EDCTR Datasheet HTML 9Page - Linear Technology LT3060EDCTR Datasheet HTML 10Page - Linear Technology LT3060EDCTR Datasheet HTML 11Page - Linear Technology LT3060EDCTR Datasheet HTML 12Page - Linear Technology LT3060EDCTR Datasheet HTML 13Page - Linear Technology LT3060EDCTR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3060
10
3060f
PIN FUNCTIONS
REF/BYP (Pin 1 / Pin 8): Reference/Bypass. Connecting
a single capacitor from this pin to GND bypasses the
LT3060’s reference noise and soft-starts the reference.
A 10nF bypass capacitor typically reduces output voltage
noise to 30μVRMS in a 10Hz to 100kHz bandwidth. Soft-
start time is directly proportional to the REF/BYP capacitor
value. If the LT3060 is placed in shutdown, REF/BYP is
actively pulled low by an internal device to reset soft-start.
If low noise or soft-start performance is not required, this
pin must be left floating (unconnected). Do not drive this
pin with any active circuitry.
ADJ (Pin 2 / Pin 7): Adjust. This pin is the error amplifier’s
inverting terminal. It’s typical bias current of 15nA flows out
of the pin (see curve of ADJ Pin Bias Current vs Temperature
in the Typical Performance Characteristics section). The
ADJ pin voltage is 600mV referenced to GND.
OUT (Pins 3, 4 / Pin 6): Output. These pin(s) supply power
to the load. Stability requirements demand a minimum
2.2μF ceramic output capacitor to prevent oscillations.
Large load transient applications require larger output
capacitors to limit peak voltage transients. See the
Applications Information section for details on transient
response and reverse output characteristics. Permissible
output voltage range is 600mV to 44.5V.
IN (Pins 5, 6 / Pin 5): Input. These pin(s) supply power to
the device. The LT3060 requires a local IN bypass capacitor
if it is located more than six inches from the main input
filter capacitor. In general, battery output impedance rises
with frequency, so adding a bypass capacitor in battery-
powered circuits is advisable.
An input bypass capacitor in the range of 1μF to 10μF
suffices. The LT3060 withstands reverse voltages on the
IN pin with respect to its GND and OUT pins. In a reversed
input situation, such as a battery plugged in backwards,
the LT3060 behaves as if a large resistor is in series with
its input. Limited reverse current flows into the LT3060
and no reverse voltage appears at the load. The device
protects itself and the load.
SHDN (Pin 7 / Pin 1): Shutdown. Pulling the SHDN pin
low puts the LT3060 into a low power state and turns
the output off. Drive the SHDN pin with either logic or an
open collector/drain with a pull-up resistor. The resistor
supplies the pull-up current to the open collector/drain
logic, normally several microamperes, and the SHDN
pin current, typically less than 3μA. If unused, connect
the SHDN pin to IN. The LT3060 does not function if the
SHDN pin is not connected. The SHDN pin cannot be
driven below GND unless tied to the IN pin. If the SHDN
pin is driven below GND while IN is powered, the output
may turn on. SHDN pin logic cannot be referenced to a
negative supply voltage.
GND (Pin 8, Exposed Pad Pin 9 / Pins 2, 3, 4): Ground.
Connect the bottom of the external resistor divider that sets
the output voltage directly to GND for optimum regulation.
For the DFN package, tie exposed pad Pin 9 directly to Pin 8
and the PCB ground. This exposed pad provides enhanced
thermal performance with its connection to the PCB ground.
See the Applications Information section for thermal
considerations and calculating junction temperature.
(DC8/TS8)


Similar Part No. - LT3060EDCTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060EDC LINER-LT3060EDC Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060EDC-1.2 LINER-LT3060EDC-1.2 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060EDC-1.5 LINER-LT3060EDC-1.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060EDC-1.8 LINER-LT3060EDC-1.8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060EDC-2.5 LINER-LT3060EDC-2.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT3060EDCTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3061 LINER-LT3061_15 Datasheet
662Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA LDO with Output Discharge
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3062 LINER-LT3062_15 Datasheet
581Kb / 20P
   45V VIN, Micropower, Low Noise, 200mA LDO
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com