Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3599 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3599
Description  4-Channel 120mA LED Driver with 짹1.5% Current Matching
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3599 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3599 Datasheet HTML 3Page - Linear Technology LT3599 Datasheet HTML 4Page - Linear Technology LT3599 Datasheet HTML 5Page - Linear Technology LT3599 Datasheet HTML 6Page - Linear Technology LT3599 Datasheet HTML 7Page - Linear Technology LT3599 Datasheet HTML 8Page - Linear Technology LT3599 Datasheet HTML 9Page - Linear Technology LT3599 Datasheet HTML 10Page - Linear Technology LT3599 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3599

3599fd
pin FuncTions
CTRL: LED Current Control. If the CTRL pin is not used,
tie this pin to VREF.
DISABLE4: Allows Disabling Channel 4. Connect to VREF
to disable channel 4. If channel 4 is disabled, the LED4 pin
should be connected to the LED3 pin. Connect DISABLE4
to ground to allow operation of channel 4.
Exposed Pad: Ground. The ground for the IC should be
soldered to a continuous copper ground plane under the
LT3599 die.
FB: Feedback Pin for Overvoltage Protection. Reference
voltage is 1.223V. Connect the resistive divider tap here.
Minimize trace area at FB. Set VOUT according to VOUT =
1.223(1 + R2/R1) when overvoltage protection occurs.
GND: Analog Ground. Tie directly to local ground plane.
Connect RT, ISET and TSET resistors between this local
ground plane and their respective pins.
ISET: Programs Led Current for Each String. A resistor
to ground programs LED currents between 30mA and
120mA.
LED1-4: LED String Output. Connect the bottom cathode
of each LED string to these pins.
OPENLED: Open LED Flag. An open-collector output when
any LED string opens.
NC: No Connect Pins. Can be left open or connected to
any ground plane.
PWM: Input Pin for PWM Dimming Control. Above 1V
allows converter switching, and below 0.4V disables
switching with VC pin level maintained. A PWM signal
driving the PWM pin provides accurate dimming control.
The PWM signal can be driven from 0V to 5V. If unused,
the pin should be connected to VREF.
RT: A Resistor to Ground Which Programs Switching
Frequency Between 200kHz and 2.1MHz. For SYNC func-
tion, choose the resistor to program a frequency 20%
slower than the SYNC pulse frequency. Do not leave this
pin open.
SHDN/UVLO: The SHDN/UVLO pin has an accurate 1.36V
threshold and can be used to program an undervoltage
lockout (UVLO) threshold for system input supply using a
resistor divider from supply to ground. A 4µA pin current
hysteresis allows programming of undervoltage lockout
(UVLO) hysteresis. 1.36V turns the part on and removes a
4µA sink current from the pin. SHDN/UVLO = 0V reduces
VINcurrent<0.1µA.SHDN/UVLOcanbedirectlyconnected
to VIN. Do not leave this pin open.
SHORTLED: Indicates a high side short (LED pin shorted
to VOUT). This is an open-collector output.
SS: Soft-Start Pin. Place a soft-start capacitor here. Upon
start-up, a 11µA current charges the capacitor. Use a larger
capacitor for a slower start-up.
SW: Switch Pin. This is the collector of the internal NPN
power switch. Minimize the metal trace area connected
to this pin to minimize EMI.
SYNC:FrequencySynchronizationPin.Thisinputallowsfor
synchronizingtheoperatingfrequencytoanexternalclock.
The RT resistor should be chosen to program a switching
frequency 20% slower than SYNC pulse frequency. This
pin should be grounded if this feature is not used.
TSET: Programs LT3599 junction temperature breakpoint,
beyond which LED currents will begin to decrease. An
internal VPTAT threshold (see Block Diagram) increases
with junction temperature. When VPTAT exceeds TSET pin
voltage, LED currents are decreased. If the function is not
required, connect TSET pin to VREF pin. If the TSET pin is
not used, tie this pin to VREF.
VC: Error Amplifier Output Pin. Tie the external compensa-
tion network to this pin.
VIN: Input Supply Pin. Must be locally bypassed with a
capacitor to ground.
VO_SW: Drain of an Internal PMOS. The internal PMOS
disconnects the feedback resistors from the VOUT pin
during shutdown and when the PWM pin is low.
VOUT: Output Pin. This pin provides power to all LEDs.
VREF:BandgapVoltageReference.Internallysetto1.227V.
This pin can supply up to 100µA. Can be used to program
the CTRL pin voltage using resistor dividers to ground.


Similar Part No. - LT3599

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3599 LINER-LT3599 Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
LT3599 LINER-LT3599 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3599 LINER-LT3599 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3599 LINER-LT3599 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3599EFE-PBF LINER-LT3599EFE-PBF Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
More results

Similar Description - LT3599

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3599 LINER-LT3599 Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
LT3599 LINER-LT3599_15 Datasheet
279Kb / 26P
   4-Channel 120mA LED Driver
logo
SG Micro Corp
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
   120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
   4 strings 120mA White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com