Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3599IUHPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3599IUHPBF
Description  4-Channel 120mA LED Driver with 짹1.5% Current Matching
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3599IUHPBF Datasheet(HTML) 4 Page - Linear Technology

  LT3599IUHPBF Datasheet HTML 1Page - Linear Technology LT3599IUHPBF Datasheet HTML 2Page - Linear Technology LT3599IUHPBF Datasheet HTML 3Page - Linear Technology LT3599IUHPBF Datasheet HTML 4Page - Linear Technology LT3599IUHPBF Datasheet HTML 5Page - Linear Technology LT3599IUHPBF Datasheet HTML 6Page - Linear Technology LT3599IUHPBF Datasheet HTML 7Page - Linear Technology LT3599IUHPBF Datasheet HTML 8Page - Linear Technology LT3599IUHPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT3599

3599fd
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3599E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3599I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: Current flows out of pin.
Note 4: Current limit guaranteed by design and/or correlation to static test.
Current limit is independent of duty cycle and is guaranteed by design.
Note 5: TSSOP package only.
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = 5V, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Pin Bias Current
PWM = 3.3V
0.1
2
µA
SYNC Input High Threshold
1.7
V
SYNC Input Low Threshold
0.8
V
SYNC Pin Bias Current
SYNC = 0V (Note 3)
SYNC = 3.3V
25
0.1
50
1
µA
µA
VO_SW Switch Resistance
1000
Ω
OPENLED Pull-Down Current
PWM = 5V; LEDx < 0.2V, OPENLED = 0.3V
1
mA
SHORTLED Pull-Down Current
PWM = 5V, SHORTLED = 0.3V
1
mA
DISABLE4 Input High Threshold
1.15
V
DISABLE4 Input Low Threshold
0.4
V


Similar Part No. - LT3599IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3599IUH-PBF LINER-LT3599IUH-PBF Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
LT3599IUH-TRPBF LINER-LT3599IUH-TRPBF Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
More results

Similar Description - LT3599IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3599 LINER-LT3599 Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
LT3599 LINER-LT3599_15 Datasheet
279Kb / 26P
   4-Channel 120mA LED Driver
logo
SG Micro Corp
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
   120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
   4 strings 120mA White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com