Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3633EUFD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3633EUFD
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3633EUFD Datasheet HTML 7Page - Linear Technology LTC3633EUFD Datasheet HTML 8Page - Linear Technology LTC3633EUFD Datasheet HTML 9Page - Linear Technology LTC3633EUFD Datasheet HTML 10Page - Linear Technology LTC3633EUFD Datasheet HTML 11Page - Linear Technology LTC3633EUFD Datasheet HTML 12Page - Linear Technology LTC3633EUFD Datasheet HTML 13Page - Linear Technology LTC3633EUFD Datasheet HTML 14Page - Linear Technology LTC3633EUFD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC3633
11
3633f
OPERATION
The LTC3633 is a dual-channel, current mode monolithic
step down regulator capable of providing 3A of output
current from each channel. Its unique controlled on-time
architecture allows extremely low step-down ratios while
maintaining a constant switching frequency. Each channel
is enabled by raising the voltage on the RUN pin above
1.22V nominally.
Main Control Loop
In normal operation, the internal top power MOSFET is
turned on for a fixed interval determined by a fixed one-
shot timer (“ON” signal in Block Diagram). When the top
power MOSFET turns off, the bottom power MOSFET turns
on until the current comparator ICMP trips, thus restarting
the one shot timer and initiating the next cycle. Inductor
current is measured by sensing the voltage drop across
the SW and PGND nodes of the bottom power MOSFET.
The voltage on the ITH pin sets the comparator threshold
corresponding to inductor valley current. The error ampli-
fier EA adjusts this ITH voltage by comparing an internal
0.6V reference to the feedback signal VFB derived from the
output voltage. If the load current increases, it causes a
drop in the feedback voltage relative to the internal refer-
ence. The ITH voltage then rises until the average inductor
current matches that of the load current.
The operating frequency is determined by the value of the
RT resistor, which programs the current for the internal
oscillator. An internal phase-locked loop servos the switch-
ing regulator on-time to track the internal oscillator edge
and force a constant switching frequency. A clock signal
can be applied to the MODE/SYNC pin to synchronize the
switching frequency to an external source. The regulator
defaults to forced continuous operation once the clock
signal is applied.
At light load currents, the inductor current can drop to zero
and become negative. In Burst Mode operation, a current
reversal comparator (IREV) detects the negative inductor
current and shuts off the bottom power MOSFET, result-
ing in discontinuous operation and increased efficiency.
Both power MOSFETs will remain off until the ITH volt-
age rises above the zero current level to initiate another
cycle. During this time, the output capacitor supplies
the load current and the part is placed into a low current
sleep mode. Discontinuous mode operation is disabled
by tying the MODE/SYNC pin to ground, which forces
continuous synchronous operation regardless of output
load current.
“Power Good” Status Output
The PGOOD open-drain output will be pulled low if the
regulator output exits a ±8% window around the regulation
point. This condition is released once regulation within a
±5% window is achieved. To prevent unwanted PGOOD
glitches during transients or dynamic VOUT changes, the
LTC3633 PGOOD falling edge includes a filter time of ap-
proximately 40μs.
VIN Overvoltage Protection
In order to protect the internal power MOSFET devices
against transient voltage spikes, the LTC3633 constantly
monitors each VIN pin for an overvoltage condition. When
VIN rises above 17.5V, the regulator suspends operation
by shutting off both power MOSFETs on the correspond-
ing channel. Once VIN drops below 16.5V, the regulator
immediately resumes normal operation. The regulator
does not execute its soft-start function when exiting an
overvoltage condition.
Out-Of-Phase Operation
Tying the PHMODE pin high sets the SW2 falling edge to
be 180° out of phase with the SW1 falling edge. There is
a significant advantage to running both channels out of
phase. When running the channels in phase, both top-side
MOSFETs are on simultaneously, causing large current
pulses to be drawn from the input capacitor and supply
at the same time.
When running the LTC3633 channels out of phase, the
large current pulses are interleaved, effectively reducing
the amount of time the pulses overlap. Thus, the total
RMS input current is decreased, which both relaxes the
capacitance requirements for the VIN bypass capacitors
and reduces the voltage noise on the supply line.
One potential disadvantage to this configuration occurs
when one channel is operating at 50% duty cycle. In this
situation, switching noise can potentially couple from one
channel to the other, resulting in frequency jitter on one
or both channels. This effect can be mitigated with a well
designed board layout.


Similar Part No. - LTC3633EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633 LINER-LTC3633 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3633 LINER-LTC3633 Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
More results

Similar Description - LTC3633EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633A-1 LINER-LTC3633A-1_15 Datasheet
412Kb / 30P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-3 LINER-LTC3633A-3_15 Datasheet
419Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A_15 Datasheet
412Kb / 30P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2_15 Datasheet
419Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633AEFE-3 LINER-LTC3633AEFE-3 Datasheet
542Kb / 8P
   DUAL CHANNEL 3A 20V MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR
LTC3633A-2 LINER-LTC3633A-2 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com