Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3640EUFDPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT3640EUFDPBF
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640EUFDPBF Datasheet(HTML) 2 Page - Linear Technology

  LT3640EUFDPBF Datasheet HTML 1Page - Linear Technology LT3640EUFDPBF Datasheet HTML 2Page - Linear Technology LT3640EUFDPBF Datasheet HTML 3Page - Linear Technology LT3640EUFDPBF Datasheet HTML 4Page - Linear Technology LT3640EUFDPBF Datasheet HTML 5Page - Linear Technology LT3640EUFDPBF Datasheet HTML 6Page - Linear Technology LT3640EUFDPBF Datasheet HTML 7Page - Linear Technology LT3640EUFDPBF Datasheet HTML 8Page - Linear Technology LT3640EUFDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3640
2
3640p
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO Voltage (Note 7) .................................55V
WDE Voltage .............................................................30V
BST Above SW, SW1 Voltage ....................... –0.3V to 6V
SW1 Above SW Voltage ............................... –0.3V to 6V
VIN2, SYNC, EN2, PGOOD, WDI,
WDO, RST1, RST2, Voltages ....................... –0.3V to 6V
SS1, SS2, FB1, FB2, RT, CWDT,
CPOR Voltages……….............................. –0.3V to 2.5V
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
FB2
PGOOD
EN/UVLO
SYNC
SS1
FB1
RT
RST2
RST1
WDO
CWDT
CPOR
WDE
WDI
SS2
EN2
GND
SW2
VIN2
GND
VIN
BST
SW
SW1
DA
NC
GND
GND
29
θJA = 30°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
9
10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
SYNC
SS1
FB1
RT
RST2
RST1
WDO
CWDT
SW2
VIN2
GND
VIN
BST
SW
SW1
DA
7
17
18
19
20
21
22
16
8
15
29
GND
θJA = 34°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3640EFE#PBF
LT3640EFE#TRPBF
LT3640FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3640IFE#PBF
LT3640IFE#TRPBF
LT3640FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3640EUFD#PBF
LT3640EUFD#TRPBF
3640
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3640IUFD#PBF
LT3640IUFD#TRPBF
3640
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SW2 Voltage ................................ –0.3V to (VIN2 + 0.3V)
DA Current ..................................................................2A
Operating Junction Temperature Range (Note 2)
LT3640E ................................................. –40°C to 125°C
LT3640I .................................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature, FE Only (Soldering, 10 sec) .... 300°C


Similar Part No. - LT3640EUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3640EUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com