Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3640EFETRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3640EFETRPBF
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640EFETRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT3640EFETRPBF Datasheet HTML 1Page - Linear Technology LT3640EFETRPBF Datasheet HTML 2Page - Linear Technology LT3640EFETRPBF Datasheet HTML 3Page - Linear Technology LT3640EFETRPBF Datasheet HTML 4Page - Linear Technology LT3640EFETRPBF Datasheet HTML 5Page - Linear Technology LT3640EFETRPBF Datasheet HTML 6Page - Linear Technology LT3640EFETRPBF Datasheet HTML 7Page - Linear Technology LT3640EFETRPBF Datasheet HTML 8Page - Linear Technology LT3640EFETRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3640
4
3640p
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3640E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3640I is guaranteed and tested over the full –40°C to 125°C operating
junction temperature range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SS1, SS2 Charge Current
SS1 = 0.5V, SS2 = 0.5V
1.4
1.9
2.5
μA
SS1 to FB1 Offset Voltage
SS1 = 0.6V
5
30
mV
SS2 to FB2 Offset Voltage
SS2 = 0.3V
5
30
mV
RST1 Threshold as Percentage of VFB
l
90
92
94
%
RST2 Threshold as Percentage of VFB
l
89
92
94
%
Undervoltage to RST Assert Time
20
μs
RST1, RST2, WDO Pull-Up Current
RST1, RST2, WDO = 0V
5
15
30
μA
RST1, RST2, WDO Output Voltage
IRST1, IRST2, IWDO = 2mA
150
250
mV
RST1, RST2 Timeout Period (tRST)
CPOR = 220pF
l
8
9.5
11
ms
Watchdog Start Delay Time (tDLY)
CWDT = 820pF
14
16
18
ms
Watchdog Upper Boundary (tWDU)
CWDT = 820pF
l
27
32
35
ms
Watchdog Lower Boundary (tWDL)
CWDT = 820pF
l
1.68
2
2.2
ms
WDI Pull-Up Current
WDI = 1.2V
2
μA
WDI Voltage Threshold
0.55
0.85
1.15
V
WDI Low Minimum Pulse Width
300
ns
WDI High Minimum Pulse Width
300
ns
WDE Pull-Down Current
WDE = 2V
1
μA
WDE Threshold
l
0.5
0.7
0.9
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VIN2 = 3.3V, EN/UVLO = 12V, EN2 = 3.3V, unless otherwise noted.
Note 3: SW1, SW2 current limit is guaranteed by design and/or correlation
to static test. Slope compensation reduces current limit at higher duty
cycle.
Note 4: The oscillator cycle is extended when DA current exceeds its limit.
DA current limit is flat over duty cycle.
Note 5: If the SW2 NMOS current exceeds its limit at the start of an
oscillator cycle, the PMOS will not be turned on in the cycle.
Note 6: The QFN switch RDS(ON) is guaranteed by correlation to wafer level
measurement.
Note 7: Absolute maximum voltage at VIN and RUN/SS pin is 55V for
nonrepetitive one second transients, and 36V for continuous operation.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT3640EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3640EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com