Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3640IFETRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3640IFETRPBF
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640IFETRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3640IFETRPBF Datasheet HTML 3Page - Linear Technology LT3640IFETRPBF Datasheet HTML 4Page - Linear Technology LT3640IFETRPBF Datasheet HTML 5Page - Linear Technology LT3640IFETRPBF Datasheet HTML 6Page - Linear Technology LT3640IFETRPBF Datasheet HTML 7Page - Linear Technology LT3640IFETRPBF Datasheet HTML 8Page - Linear Technology LT3640IFETRPBF Datasheet HTML 9Page - Linear Technology LT3640IFETRPBF Datasheet HTML 10Page - Linear Technology LT3640IFETRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3640
7
3640p
TYPICAL PERFORMANCE CHARACTERISTICS
Full Frequency Waveforms
PFM Operation Waveforms
TA = 25°C, unless otherwise noted.
Watchdog Upper Boundary
Period vs CWDT
Watchdog Upper Boundary
Period vs Temperature
RST/WDO Pull-Up Current
200ns/DIV
SW1
10V/DIV
IL1
0.5A/DIV
SW2
5V/DIV
IL2
0.5A/DIV
3640 G18
VIN1 = 12V
VOUT1 = 3.3V/0.5A
VIN2 = VOUT1
VOUT2 = 1.8V/0.5A
200ns/DIV
SW1
10V/DIV
IL1
0.5A/DIV
SW2
5V/DIV
IL2
0.5A/DIV
3640 G19
VIN1 = 12V
VOUT1 = 3.3V/25mA
VIN2 = VOUT1
VOUT2 = 1.8V/30mA
CWDT CAPACITANCE (pF)
0
120
140
160
100
80
2000
1000
3000
4000
5000
20
0
60
180
40
3640 G20
TEMPERATURE (°C)
–50
20
25
30
15
10
50
0
100
150
5
0
35
3640 G21
RST/WDO VOLTAGE (V)
0
1
0.5
1.5
2
3640 G22
0
10
20
5
15


Similar Part No. - LT3640IFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3640IFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com