Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3640EUFDTRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3640EUFDTRPBF
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640EUFDTRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3640EUFDTRPBF Datasheet HTML 6Page - Linear Technology LT3640EUFDTRPBF Datasheet HTML 7Page - Linear Technology LT3640EUFDTRPBF Datasheet HTML 8Page - Linear Technology LT3640EUFDTRPBF Datasheet HTML 9Page - Linear Technology LT3640EUFDTRPBF Datasheet HTML 10Page - Linear Technology LT3640EUFDTRPBF Datasheet HTML 11Page - Linear Technology LT3640EUFDTRPBF Datasheet HTML 12Page - Linear Technology LT3640EUFDTRPBF Datasheet HTML 13Page - Linear Technology LT3640EUFDTRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3640
10
3640p
TIMING DIAGRAMS
The LT3640 is a dual channel, constant-frequency, current
mode monolithic buck switching regulator with power-on
reset and watchdog timer. Both channels are synchronized
to a single oscillator with frequency set by RT. Operation can
be best understood by referring to the Block Diagram.
Buck Regulators
The high voltage channel is a nonsynchronous buck
regulator that operates from the VIN pin. The start of each
oscillator cycle sets an SR latch and turns on the internal
NPN power switch. An amplifier and comparator monitor
the current flowing between the VIN and SW1 pins, turning
the switch off when this current reaches a level determined
by the voltage at VC1 node. An error amplifier measures
the output voltage through an external resistor divider tied
to the FB1 pin and servos the VC1 node. The reference
of the error amplifier is determined by the lower of the
internal reference and the voltage at the SS1 pin. If the error
amplifier’s output increases, more current is delivered to
the output; if it decreases, less current is delivered.
OPERATION
An active clamp (not shown) on the VC1 node provides
peak current limit. A DA pin current comparator extends
the oscillator cycle until the catch diode current is below
the valley current limit. Both the peak and valley current
limits help to control the inductor current in fault condi-
tions such as shorted output with high VIN. Both current
limits are reduced when the voltage at the FB1 pin is below
0.2V. This current foldback helps to control the inductor
current during start-up and overload.
The NPN power switch driver operates from either the VIN
pin or the BST pin. An external capacitor and diode are
used to generate a voltage between the BST and SW pins.
During the power-up of the LT3640, an internal 5mA current
source charges the external BST capacitor. The regulator
starts switching when the (BST-SW) voltage reaches the
2V threshold. The internal NPN power switch can be fully
saturated for efficient operation when the (BST-SW) volt-
age is between 2.3V and 5.5V.
The low voltage channel is a synchronous buck regulator
that operates from the VIN2 pin. It starts switching only
FB
RST
WDI
WDO
3640 TD
tRST
tUV
t < tWDL tRST
tDLY
t < tWDU
tWDL < t < tWDU
tWDU
tRST
Power-On Reset Timing
Watchdog Timing


Similar Part No. - LT3640EUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3640EUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com