Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3640EFE Datasheet(PDF) 11 Page - Linear Technology

Part # LT3640EFE
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640EFE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3640EFE Datasheet HTML 7Page - Linear Technology LT3640EFE Datasheet HTML 8Page - Linear Technology LT3640EFE Datasheet HTML 9Page - Linear Technology LT3640EFE Datasheet HTML 10Page - Linear Technology LT3640EFE Datasheet HTML 11Page - Linear Technology LT3640EFE Datasheet HTML 12Page - Linear Technology LT3640EFE Datasheet HTML 13Page - Linear Technology LT3640EFE Datasheet HTML 14Page - Linear Technology LT3640EFE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3640
11
3640p
when the VIN2 pin voltage is above 2.3V, the EN2 pin is
pulled high and the FB1 pin voltage is above 1.165V. The
internal top power MOSFET is turned on each cycle at the
beginning of each oscillator cycle, and turned off when
the current flowing through the top MOSFET reaches a
level determined by the voltage at the VC2 node. An error
amplifier measures the output voltage through an external
resistor divider tied to the FB2 pin and servos the VC2
node. The reference of the error amplifier is determined by
the lower of the internal 600mV reference and the voltage
at the SS2 pin.
While the top MOSFET is off, the bottom MOSFET is turned
on in an oscillator cycle until the inductor current starts
to reverse. If the inductor current is higher than the valley
current limit at the beginning of an oscillator cycle, the top
MOSFET will not turn on in this cycle, limiting inductor
current in shorted output fault.
An internal regulator provides power to the control circuitry.
The regulator draws most power from the VIN2 pin and a
small portion of power from the VIN pin when the VIN2 pin
voltage is higher than 3V. If the voltage at VIN2 pin is lower
than 3V, the regulator draws all power from the VIN pin.
The EN/UVLO pin is used to put the LT3640 in shutdown,
reducing the input current to less than 1μA. The accurate
1.26V threshold of the EN/UVLO pin provides a program-
mable VINundervoltagelockoutthroughanexternalresistor
divider tied to the EN/UVLO pin. A 2μA hysteresis current
on the EN/UVLO pin prevents switching noise from shut-
ting down the LT3640.
The LT3640 has an overvoltage protection feature which
disables switching action in both channels when the VIN
pin voltage goes above 36V. When switching is disabled,
the LT3640 can sustain VIN voltages up to 55V for one
second.
Internal 2μA current sources charge the SS1 pin and
the SS2 pin up to about 2V. Soft-start or output voltage
tracking of the two channels can be independently imple-
mented with capacitors from the SS1 pin and the SS2 pin
to ground. Any overvoltage or undervoltage condition on
the VIN pin triggers an internal latch that discharges the
SS1 pin to below 100mV before it is released. If the EN2
pin goes low, the VIN2 voltage falls below 2.2V or the FB1
pin goes below 1.165V, the SS2 pin will be discharged to
below 100mV before it is released.
To optimize efficiency, the LT3640 switches to low ripple
Burst Mode operation in light load situations. Between
switching pulses, control-circuitry current is minimized.
A power good comparator with 40mV of hysteresis trips
when the low voltage channel is enabled and the FB2 pin is
above 550mV. The PGOOD pin is an open-drain output that
is pulled low when both the outputs are in regulation.
Power-On Reset and Watchdog Timer
The LT3640 includes one power-on reset timer for each
buck regulator and one common watchdog timer. Power-
on reset and watchdog timers are both adjustable using
external capacitors. Operation can be best understood by
referring to the Timing Diagram.
The RST1, RST2 and WDO pins are all open-drain outputs
with weak internal pull-ups to about 2V. The RST1 and RST2
pins are pulled low when the LT3640 is enabled and VIN is
above 3.6V. Once the FB1 pin rises above 1.165V, the high
voltage channel reset timer is started and RST1 is released
after the reset timeout period. The low voltage channel reset
timer is started once the FB2 pin rises above 550mV, and
releases RST2 after the reset timeout period.
The watchdog circuit monitors a μP’s activity. As soon
as both RST1 and RST2 are released, a delay timer is
started. The watchdog timer is started after the delay timer
times out. The LT3640 implements windowed watchdog
function for higher system reliability. The watchdog timer
detects falling edges on the WDI pin. If the falling edges
are grouped too close together or too far apart, the WDO
pin is pulled down and the reset timer is started. When the
reset timer times out, WDO is released and the watchdog
timer is again started after the delay period.
OPERATION


Similar Part No. - LT3640EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3640EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com