Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3640IUFD Datasheet(PDF) 8 Page - Linear Technology

Part # LT3640IUFD
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640IUFD Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3640IUFD Datasheet HTML 4Page - Linear Technology LT3640IUFD Datasheet HTML 5Page - Linear Technology LT3640IUFD Datasheet HTML 6Page - Linear Technology LT3640IUFD Datasheet HTML 7Page - Linear Technology LT3640IUFD Datasheet HTML 8Page - Linear Technology LT3640IUFD Datasheet HTML 9Page - Linear Technology LT3640IUFD Datasheet HTML 10Page - Linear Technology LT3640IUFD Datasheet HTML 11Page - Linear Technology LT3640IUFD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3640
8
3640p
PIN FUNCTIONS
FB2 (Pin 1/Pin 26): The low voltage converter regulates the
FB2 pin to 600mV. Connect the feedback resistor divider
tap to this pin to set output voltage.
PGOOD (Pin 2/Pin 27): Open-drain logic output that starts
to sink current when FB2 is in regulation.
EN/UVLO (Pin 3/Pin 28): Pull this pin below 0.3V to shut
down the LT3640. The 1.26V threshold can function as an
accurate undervoltage lockout, preventing the LT3640 from
operating until VIN voltage has reached the programmed
level.
SYNC (Pin 4/Pin 1): Driving the SYNC pin with an external
clock signal synchronizes both converters to the applied
frequency. The lowest external clock frequency should be
20% higher than the internal oscillator frequency.
SS1 (Pin 5/Pin 2): The SS1 pin sets the FB1 voltage ex-
ternally between 0V and 1.265V, providing soft-start and
tracking. Tie this pin 1.5V or higher to use the internal
1.265V reference. A capacitor to ground at this pin sets the
ramp time to regulated output voltage for the high voltage
converter. Use a resistor divider to track another supply.
FB1 (Pin 6/Pin 3): The high voltage converter regulates the
FB1 pin to 1.265V. Connect the feedback resistor divider
tap to this pin to set output voltage.
RT (Pin 7/Pin 4): Oscillator Resistor Input. Connecting a
resistor to ground from this pin sets the internal oscillator
frequency.
RST2 (Pin 8/Pin 5): Open-drain logic output that remains
asserted for the period set by the CPOR pin capacitor after
FB2 goes above 550mV.
RST1 (Pin 9/Pin 6): Open-drain logic output that remains
asserted for the period set by the CPOR pin capacitor after
FB1 goes above 1.165V.
WDO (Pin 10/Pin 7): Open-drain logic output that remains
asserted for the period set by the CPOR pin capacitor if
WDE is enabled and WDI pin is not driven by an appropri-
ate signal.
CWDT (Pin 11/Pin 8): Connect a capacitor to ground at
this pin to set watchdog timer.
CPOR (Pin 12/Pin 9): Connect a capacitor to ground at this
pin to set the power-on reset timer and WDO output timer.
WDE (Pin 13/Pin 10): Watchdog Enable Pin.
WDI (Pin 14/Pin 11): The WDI pin receives watchdog
signals from a microprocessor.
GND (Pins 15, 16, 23, 26, Exposed Pad 29/Pins 12, 13,
20, 23, Exposed Pad 29): Ground. These pins must be
soldered to PCB ground.
NC (Pin 17/Pin 14): Not Connected.
DA (Pin 18/Pin 15): The DA pin is used to sense the catch
diode current for current limit and protection. Connect this
pin to catch diode anode.
SW1 (Pin 19/Pin 16): Output of the High Voltage Internal
Power Switch. Connect this pin to the inductor and catch
diode cathode.
SW (Pin 20/Pin 17): The SW pin is used to charge the
boost capacitor. Connect this pin to the boost capacitor.
BST (Pin 21/Pin 18): The BST pin is used to provide a drive
voltage, higher than VIN pin voltage, to the high voltage
channel internal power switch. Connect an external boost
diode to this pin.
VIN (Pin 22/Pin 19): The VIN pin supplies current to
the LT3640’s internal circuitry and to the high voltage
channel internal power switch. This pin must be locally
bypassed.
VIN2 (Pin 24/Pin 21): The VIN2 pin supplies current to the
internal power MOSFET of the low voltage converter and
to the LT3640’s internal circuitry when VIN2 is above 3V.
SW2 (Pin 25/Pin 22): Switch Node of the Low Voltage
Converter. Connect this pin to an inductor.
EN2 (Pin 27/Pin 24): Low Voltage Converter Enable Pin.
Pull this pin below 0.3V to shut down the low voltage
converter. Pull this pin above 1.5V to enable the low volt-
age converter.
SS2 (Pin 28/Pin 25): The SS2 pin sets the FB2 voltage
externally between 0V and 0.6V, providing soft-start and
tracking. Tie this pin 0.8V or higher to use the internal
0.6V reference. A capacitor to ground at this pin sets the
ramp time to regulated output voltage for the low voltage
converter. Use a resistor divider to track another supply.
(FE/QFN)


Similar Part No. - LT3640IUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3640IUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com