Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBF8025B12LS Datasheet(PDF) 1 Page - Dubilier

Part # DBF8025B12LS
Description  DC COOLING FAN 80x80x25mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF8025B12LS Datasheet(HTML) 1 Page - Dubilier

  DBF8025B12LS Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
282
DC COOLING FAN
80x80x25mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
8025
B
12
H
Dubilier
Fans
Size
80x80x25mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
12=12vdc
24=24vdc
Airflow
U=Ultra High
H=High
M=Medium
L=Low
X=Very low
Options
Blank=Standard
A=Alarm Lead
S=Speed Sensor
T=Twin Speed
Other options available
Voltage: 12 & 24 VDC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Plastic Housing to UL94V-0
Airflow range: 20.5 - 50 CFM
Suitable for PSU, Racks and Test Instruments
Part No.
Bearing
Voltage(V)
Current(A) Power(W) Speed(RPM) Air flow(CFM) Pressure(mmAq) Noise(dB/A) Weight(g)
DBF8025x12U
Ball, Sleeve, Oil
12
0.45
5.40
3900
50.0
6.81
40.6
82
DBF8025x12H
Ball, Sleeve, Oil
12
0.25
3.00
3010
38.6
4.06
34.0
82
DBF8025x12M
Ball, Sleeve, Oil
12
0.15
1.80
2440
31.4
2.90
28.3
82
DBF8025x12L
Ball, Sleeve, Oil
12
0.12
1.44
2030
26.2
1.98
22.5
82
DBF8025x12X
Ball, Sleeve, Oil
12
0.08
0.96
1600
20.5
1.27
15.0
82
DBF8025x24U
Ball, Sleeve, Oil
24
0.26
6.24
3900
50.0
7.09
41.0
82
DBF8025x24H
Ball ,Sleeve, Oil
24
0.16
3.84
3010
38.6
4.06
34.4
82
DBF8025x24M Ball, Sleeve, Oil
24
0.10
2.40
2440
31.4
2.90
28.3
82
DBF8025x24L
Ball, Sleeve, Oil
24
0.09
2.16
2030
26.2
1.98
22.5
82
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1007 AWG24
Protection: Current Limit
Operating Temp:-10˚ to 70˚C


Similar Part No. - DBF8025B12LS

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
DBF8025B115MW DUBILIER-DBF8025B115MW Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
More results

Similar Description - DBF8025B12LS

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
logo
Qualtek Electronics Cor...
FAD1-08025 QUALTEK-FAD1-08025 Datasheet
1Mb / 1P
   80x80x25mm DC AXIAL FAN
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
   DC COOLING FAN 25x25x10mm
DBF6015B12H DUBILIER-DBF6015B12H Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
logo
Qualtek Electronics Cor...
FAA1-08025 QUALTEK-FAA1-08025 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
logo
Dubilier
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF12038B12H DUBILIER-DBF12038B12H Datasheet
136Kb / 1P
   DC COOLING FAN 120x120x38mm
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
   DC COOLING FAN 40x40x10mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com