Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBF9225B115MT Datasheet(PDF) 1 Page - Dubilier

Part # DBF9225B115MT
Description  AC COOLING FAN 92x92x25mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF9225B115MT Datasheet(HTML) 1 Page - Dubilier

  DBF9225B115MT Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
293
AC COOLING FAN
92x92x25mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
9225
B
115
M
Dubilier
Fans
Size
92x92x25mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
115=115vdc
230=230vdc
Airflow
M=Medium
T
Lead Type
T=Terminal
W=Wires
Voltage: 115 & 230 VAC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Aluminium Alloy Housing
Airflow range: 22.8 CFM
Suitable for PSU, Racks and Test Instruments
Part No.
Bearing
Voltage/Freq(V/Hz)
Current(A) Power (W) Speed(RPM) Air flow(CFM ) Pressure(mmAq)
Noise(dB/A) Weight(g)
DBF9225x115M
Ball, Sleeve, Oil
115/50
0.15
17.30
1650
22.8
1.15
21.1
220
DBF9225x230M Ball, Sleeve, Oil
230/50
0.07
16.10
1650
22.8
1.15
21.1
220
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1430 AWG22
Protection: Current Limit
Operating Temp:-10˚to70˚C


Similar Part No. - DBF9225B115MT

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF9225B12HA DUBILIER-DBF9225B12HA Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF9225B12HS DUBILIER-DBF9225B12HS Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF9225B12HT DUBILIER-DBF9225B12HT Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF9225B12L DUBILIER-DBF9225B12L Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
More results

Similar Description - DBF9225B115MT

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
logo
Qualtek Electronics Cor...
FAA1-09225 QUALTEK-FAA1-09225 Datasheet
1Mb / 1P
   92x92x25mm AC AXIAL FAN
logo
CoolCox Limited All rig...
CC9225 COOLCOX-CC9225 Datasheet
417Kb / 1P
   DC Axial Fan 92x92x25mm
logo
Qualtek Electronics Cor...
FAD1-09225 QUALTEK-FAD1-09225 Datasheet
1Mb / 1P
   92x92x25mm DC AXIAL FAN
logo
Dubilier
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
DBF17250B115MT DUBILIER-DBF17250B115MT Datasheet
181Kb / 1P
   AC COOLING FAN 172x150x50mm
DBF12025B115MT DUBILIER-DBF12025B115MT Datasheet
151Kb / 1P
   AC COOLING FAN 120x120x25mm
DBF8038B115MT DUBILIER-DBF8038B115MT Datasheet
154Kb / 1P
   AC COOLING FAN 80x80x38mm
DBF12038B115MT DUBILIER-DBF12038B115MT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
logo
List of Unclassifed Man...
4E-230B-17-T ETC2-4E-230B-17-T Datasheet
330Kb / 1P
   AC COOLING FAN 4E 119x119x38 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com