Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3801B Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3801B
Description  Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3801B Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3801B Datasheet HTML 3Page - Linear Technology LTC3801B Datasheet HTML 4Page - Linear Technology LTC3801B Datasheet HTML 5Page - Linear Technology LTC3801B Datasheet HTML 6Page - Linear Technology LTC3801B Datasheet HTML 7Page - Linear Technology LTC3801B Datasheet HTML 8Page - Linear Technology LTC3801B Datasheet HTML 9Page - Linear Technology LTC3801B Datasheet HTML 10Page - Linear Technology LTC3801B Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC3801/LTC3801B
sn3801 3801fs
OPERATIO
(Refer to the Functional Diagram)
inductor current. The amount of reduction is given by the
curve in Figure 3.
Soft-Start
An internal default soft-start circuit is employed at power-
up and/or when coming out of shutdown. The soft-start
circuit works by internally clamping the voltage at the
ITH/RUN pin to the corresponding zero current level and
gradually raising the clamp voltage such that the minimum
time required for the programmed switch current to reach
its maximum is approximately 0.6ms. After the soft-start
circuit has timed out, it is disabled until the part is put in
shutdown again or the input supply is cycled.
Figure 3. Maximum Current Limit Trip Voltage vs Duty Cycle
DUTY CYCLE (%)
20
75
95
100
3801 F03
55
35
40
60
80
30
50
70
90
115
65
85
45
105
70
50
30
100
60
80
40
90
VIN = 4.2V
TA = 25°C
LTC3801
LTC3801B
APPLICATIO S I FOR ATIO
The basic LTC3801/LTC3801B application circuit is shown
on the front page of this data sheet. External component
selection is driven by the load requirement and begins with
the selection of the inductor and RSENSE. Next, the power
MOSFET and the output diode are selected followed by the
input bypass capacitor CIN and output bypass capacitor
COUT.
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
With the current comparator monitoring the voltage
developed across RSENSE, the threshold of the compara-
tor determines the inductor’s peak current. The output
current the LTC3801 can provide is given by:
I
R
I
OUT
SENSE
RIPPLE
=−
0 117
2
.
where IRIPPLE is the inductor peak-to-peak ripple current
(see Inductor Value Calculation section). For the LTC3801B
use 104mV in the previous equation and follow through
the analysis using that number.
A reasonable starting point for setting ripple current is
IRIPPLE = (0.4)(IOUT). Rearranging the above equation, it
becomes:
R
I
SENSE
OUT
=<
1
10
()(
)
for Duty Cycle
40%
However, for operation that is above 40% duty cycle, slope
compensation effect has to be taken into consideration to
select the appropriate value to provide the required amount
of current. Using Figure 3, the value of RSENSE is:
R
SF
I
SENSE
OUT
=
()(
)(
)
10
100
where SF is the “Slope Factor.”
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies permit the use
of a smaller inductor for the same amount of inductor
ripple current. However, this is at the expense of efficiency
due to an increase in MOSFET gate charge losses.
The inductance value also has a direct effect on ripple cur-
rent. The ripple current, IRIPPLE, decreases with higher in-
ductance or frequency and increases with higher VIN or
VOUT.Theinductor’speak-to-peakripplecurrentisgivenby:
I
VV
fL
VV
VV
RIPPLE
IN
OUT
OUT
D
IN
D
=
−+
+


()
where f is the operating frequency. Accepting larger values
of IRIPPLE allows the use of low inductances, but results in
higher output voltage ripple and greater core losses. A
reasonable starting point for setting ripple current is


Similar Part No. - LTC3801B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801B LINER-LTC3801B Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801BES6 LINER-LTC3801BES6 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results

Similar Description - LTC3801B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com