Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3845EFE Datasheet(PDF) 10 Page - Linear Technology

Part # LT3845EFE
Description  High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3845EFE Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3845EFE Datasheet HTML 6Page - Linear Technology LT3845EFE Datasheet HTML 7Page - Linear Technology LT3845EFE Datasheet HTML 8Page - Linear Technology LT3845EFE Datasheet HTML 9Page - Linear Technology LT3845EFE Datasheet HTML 10Page - Linear Technology LT3845EFE Datasheet HTML 11Page - Linear Technology LT3845EFE Datasheet HTML 12Page - Linear Technology LT3845EFE Datasheet HTML 13Page - Linear Technology LT3845EFE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT3845
10
3845fd
APPLICATIONS INFORMATION
Overview
The LT3845 is a high input voltage range step-down
synchronous DC/DC converter controller IC that uses a
programmable constant frequency, current mode archi-
tecture with external N-channel MOSFET switches.
The LT3845 has provisions for high efficiency, low load
operation for battery-powered applications. Burst Mode
operation reduces total average input quiescent currents to
120μA during no load conditions. A low current shutdown
mode can also be activated, reducing quiescent current to
10μA. Burst Mode operation can be disabled if desired.
A reverse-current inhibit feature allows increased efficien-
cies during light loads through nonsynchronous operation.
This feature disables the synchronous switch if inductor
current approaches zero. If full time synchronous opera-
tion is desired, this feature can be disabled.
Much of the IC’s internal circuitry is biased from an
internal linear regulator. The output of this regulator is
the VCC pin, allowing bypassing of the internal regulator.
The associated internal circuitry can be powered from
the output of the converter, increasing overall converter
efficiency. Using externally derived power also eliminates
the IC’s power dissipation associated with the internal VIN
to VCC regulator.
Theory of Operation (See Block Diagram)
The LT3845 senses converter output voltage via the VFB
pin. The difference between the voltage on this pin and
an internal 1.231V reference is amplified to generate an
error voltage on the VC pin which is used as a threshold
for the current sense comparator.
During normal operation, the LT3845 internal oscillator
runs at the programmed frequency. At the beginning of
each oscillator cycle, the switch drive is enabled. The
switch drive stays enabled until the sensed switch current
exceeds the VC derived threshold for the current sense
comparator and, in turn, disables the switch driver. If
the current comparator threshold is not obtained for the
entire oscillator cycle, the switch driver is disabled at the
end of the cycle for 350ns, typical. This minimum off-time
mode of operation assures regeneration of the BOOST
bootstrapped supply.
Power Requirements
The LT3845 is biased using an internal linear regulator to
generate operational voltages from the VIN pin. Virtually
all of the circuitry in the LT3845 is biased via this internal
linear regulator output (VCC). This pin is decoupled with
a low ESR, 1μF capacitor to PGND.
The VCC regulator generates an 8V output provided there
is ample voltage on the VIN pin. The VCC regulator has
approximately 1V of dropout, and will follow the VIN pin
with voltages below the dropout threshold.
The LT3845 has a start-up requirement of VIN > 7.5V. This
assures that the onboard regulator has ample headroom
to bring the VCC pin above its UVLO threshold. The VCC
regulator can only source current, so forcing the VCC pin
above its 8V regulated voltage allows use of externally
derived power for the IC, minimizing power dissipation
in the IC. Using the onboard regulator for start-up, then
deriving power for VCCfromtheconverteroutputmaximizes
conversion efficiencies and is common practice. If VCC is
maintained above 6.5V using an external source, the LT3845
can continue to operate with VIN as low as 4V.
The LT3845 operates with 3mA quiescent current from
the VCC supply. This current is a fraction of the actual VCC
quiescent currents during normal operation. Additional
current is produced from the MOSFET switching currents
for both the boosted and synchronous switches and are
typically derived from the VCC supply.
Because the LT3845 uses a linear regulator to generate
VCC, power dissipation can become a concern with high
VIN voltages. Gate drive currents are typically in the range
of 5mA to 15mA per MOSFET, so gate drive currents can
create substantial power dissipation. It is advisable to
derive VCC and VBOOST power from an external source
whenever possible.
The onboard VCC regulator will provide gate drive power
for start-up under all conditions with total MOSFET gate
charge loads up to 180nC. The regulator can operate the
LT3845 continuously, provided the power dissipation of the
regulator does not exceed 250mW. The power dissipation
of the regulator is calculated as follows:
PD(REG) = (VIN – 8V) • (fSW • QG(TOTAL) + 3mA)


Similar Part No. - LT3845EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845EFE-PBF LINER-LT3845EFE-PBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845EFE-TRPBF LINER-LT3845EFE-TRPBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
More results

Similar Description - LT3845EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
Maxim Integrated Produc...
MAX8650 MAXIM-MAX8650 Datasheet
367Kb / 25P
   4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com