Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3845IFETRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT3845IFETRPBF
Description  High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3845IFETRPBF Datasheet(HTML) 2 Page - Linear Technology

  LT3845IFETRPBF Datasheet HTML 1Page - Linear Technology LT3845IFETRPBF Datasheet HTML 2Page - Linear Technology LT3845IFETRPBF Datasheet HTML 3Page - Linear Technology LT3845IFETRPBF Datasheet HTML 4Page - Linear Technology LT3845IFETRPBF Datasheet HTML 5Page - Linear Technology LT3845IFETRPBF Datasheet HTML 6Page - Linear Technology LT3845IFETRPBF Datasheet HTML 7Page - Linear Technology LT3845IFETRPBF Datasheet HTML 8Page - Linear Technology LT3845IFETRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3845
2
3845fd
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Supply Voltage (VIN)........................................65V
Boosted Supply Voltage (BOOST) .............................80V
Switch Voltage (SW) (Note 8) ....................... 65V to –2V
Differential Boost Voltage
(BOOST to SW).....................................................24V
Bias Supply Voltage (VCC).........................................24V
SENSE+ and SENSEVoltages ..................................40V
Differential Sense Voltage
(SENSE+ to SENSE)................................... 1V to –1V
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3845EFE#PBF
LT3845EFE#TRPBF
3845FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3845IFE#PBF
LT3845IFE#TRPBF
3845FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3845MPFE#PBF
LT3845MPFE#TRPBF
3845FE
16-Lead Plastic TSSOP
–55°C to 125°C
LT3845EN#PBF
LT3845EN#TRPBF
3845N
16-Lead PDIP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VIN
SHDN
CSS
BURST_EN
VFB
VC
SYNC
fSET
BOOST
TG
SW
VCC
BG
PGND
SENSE+
SENSE
17
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
N PACKAGE
16-LEAD PDIP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VFB
VC
fSET
SGND
SENSE
SENSE+
PGND
BG
BURST_EN
CSS
SHDN
VIN
BOOST
TG
SW
VCC
TJMAX = 125°C, θJA = 70°C/W, θJC = 34°C/W
PIN CONFIGURATION
BURST_EN Voltage ...................................................24V
SYNC, VC, VFB, CSS, and SHDN Voltages ....................5V
SHDN Pin Currents ..................................................1mA
Operating Junction Temperature Range (Note 2)
LT3845E (Note 3)............................... –40°C to 125°C
LT3845I.............................................. –40°C to 125°C
LT3845MP.......................................... –55°C to 125°C
Storage Temperature.............................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C


Similar Part No. - LT3845IFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845IFE-PBF LINER-LT3845IFE-PBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845IFE-TRPBF LINER-LT3845IFE-TRPBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
More results

Similar Description - LT3845IFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
Maxim Integrated Produc...
MAX8650 MAXIM-MAX8650 Datasheet
367Kb / 25P
   4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com