Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3845EFEPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3845EFEPBF
Description  High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3845EFEPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3845EFEPBF Datasheet HTML 7Page - Linear Technology LT3845EFEPBF Datasheet HTML 8Page - Linear Technology LT3845EFEPBF Datasheet HTML 9Page - Linear Technology LT3845EFEPBF Datasheet HTML 10Page - Linear Technology LT3845EFEPBF Datasheet HTML 11Page - Linear Technology LT3845EFEPBF Datasheet HTML 12Page - Linear Technology LT3845EFEPBF Datasheet HTML 13Page - Linear Technology LT3845EFEPBF Datasheet HTML 14Page - Linear Technology LT3845EFEPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT3845
11
3845fd
where QG(TOTAL) is the total MOSFET gate charge of the
TG and BG.
In applications where these conditions are exceeded, VCC
must be derived from an external source after start-up.
Maximum continuous regulator power dissipation may be
exceeded for short duration VIN transients.
In LT3845 converter applications with output voltages in
the 9V to 20V range, back-feeding VCC and VBOOST from
the converter output is trivial, accomplished by connect-
ing diodes from the output to these supply pins. Deriving
these supplies from output voltages greater than 20V will
require additional regulation to reduce the feedback voltage.
Outputs lower than 9V will require step-up techniques to
increase the feedback voltage to something greater than
the 8V VCC regulated output. Low power boost switchers
are sometimes used to provide the step-up function, but
a simple charge-pump can perform this function in many
instances.
Burst Mode
The LT3845 employs low current Burst Mode functional-
ity to maximize efficiency during no load and low load
conditions. Burst Mode operation is enabled by shorting
the BURST_EN pin to SGND. Burst Mode operation can be
disabled by shorting BURST_EN to either VFB or VCC.
When the required switch current, sensed via the VC
pin voltage, is below 15% of maximum, the Burst Mode
operation is employed and that level of sense current is
latched onto the IC control path. If the output load requires
less than this latched current level, the converter will
overdrive the output slightly during each switch cycle.
This overdrive condition is sensed internally and forces
the voltage on the VC pin to continue to drop. When the
voltage on VC drops 150mV below the 15% load level,
switching is disabled and the LT3845 shuts down most
of its internal circuitry, reducing total quiescent current
to 120μA. When the converter output begins to fall, the
VC pin voltage begins to climb. When the voltage on the
VC pin climbs back to the 15% load level, the IC returns
to normal operation and switching resumes. An internal
clamp on the VC pin is set at 100mV below the switch
disable threshold, which limits the negative excursion of
the pin voltage, minimizing the converter output ripple
during Burst Mode operation.
During Burst Mode operation, VIN pin current is 20μA and
VCC current is reduced to 100μA. If no external drive is
provided for VCC, all VCC bias currents originate from the
APPLICATIONS INFORMATION
VOUT
1μF
B0520
B0520
1μF
Si1555DL
LT3845
Charge Pump Doubler
Charge Pump Tripler
VCC
BG
VOUT
1μF
B0520
B0520
1μF
1μF
Si1555DL
Si1555DL
LT3845
VCC
BG
B0520
3845 AI01
TG
VOUT
3845 AI04
VCC
SW
BG
N
LT3845
Inductor Auxiliary Winding


Similar Part No. - LT3845EFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845EFE-PBF LINER-LT3845EFE-PBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845EFE-TRPBF LINER-LT3845EFE-TRPBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
More results

Similar Description - LT3845EFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
Maxim Integrated Produc...
MAX8650 MAXIM-MAX8650 Datasheet
367Kb / 25P
   4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com