Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3845IFEPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3845IFEPBF
Description  High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3845IFEPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3845IFEPBF Datasheet HTML 1Page - Linear Technology LT3845IFEPBF Datasheet HTML 2Page - Linear Technology LT3845IFEPBF Datasheet HTML 3Page - Linear Technology LT3845IFEPBF Datasheet HTML 4Page - Linear Technology LT3845IFEPBF Datasheet HTML 5Page - Linear Technology LT3845IFEPBF Datasheet HTML 6Page - Linear Technology LT3845IFEPBF Datasheet HTML 7Page - Linear Technology LT3845IFEPBF Datasheet HTML 8Page - Linear Technology LT3845IFEPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT3845
3
3845fd
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage Range (Note 4)
VIN Minimum Start Voltage
VIN UVLO Threshold (Falling)
VIN UVLO Threshold Hysteresis
4
3.6
3.8
670
60
7.5
4
V
V
V
mV
VIN Supply Current
VIN Burst Mode Current
VIN Shutdown Current
VCC > 9V
VBURST_EN = 0V, VFB = 1.35V
VSHDN = 0V
20
20
915
μA
μA
μA
BOOST Operating Voltage Range
BOOST Operating Voltage Range (Note 5)
BOOST UVLO Threshold (Rising)
BOOST UVLO Threshold Hysteresis
VBOOST – VSW
VBOOST – VSW
VBOOST – VSW
5
400
75
20
V
V
V
mV
BOOST Supply Current (Note 6)
BOOST Burst Mode Current
BOOST Shutdown Current
VBURST_EN = 0V
VSHDN = 0V
1.4
0.1
0.1
mA
μA
μA
VCC Operating Voltage Range (Note 5)
VCC Output Voltage
VCC UVLO Threshold (Rising)
VCC UVLO Threshold Hysteresis
Over Full Line and Load Range
8
6.25
500
20
8.3
V
V
V
mV
VCC Supply Current (Note 6)
VCC Burst Mode Current
VCC Shutdown Current
VCC Current Limit
VBURST_EN = 0V
VSHDN = 0V
–40
3
100
20
–150
3.7
mA
μA
μA
mA
Error Amp Reference Voltage
Measured at VFB Pin
1.224
1.215
1.231
1.238
1.245
V
V
VFB Pin Input Current
VFB = 1.231V
25
nA
SHDN Enable Threshold (Rising)
SHDN Threshold Hysteresis
1.3
1.35
120
1.4
V
mV
Sense Pins Common Mode Range
Current Limit Sense Voltage
Reverse Protect Sense Voltage
Reverse Current Inhibit Offset
VSENSE+ – VSENSE–
VSENSE+ – VSENSE–, VBURST_EN = VCC
VBURST_EN = 0V or VBURST_EN = VFB
0
90
100
–100
10
36
115
V
mV
mV
mV
Input Current (ISENSE+ + ISENSE–)VSENSE(CM) = 0V
VSENSE(CM) = 2V
VSENSE(CM) > 4V
800
–20
–300
μA
μA
μA
Operating Frequency
270
300
330
kHz
Minimum Programmable Frequency
Maximum Programmable Frequency
500
100
kHz
kHz
External Sync Frequency Range
100
600
kHz
SYNC Input Resistance
40
SYNC Voltage Threshold
1.4
2
V
Soft-Start Capacitor Control Current
2μA
Error Amp Transconductance
270
340
410
μS
Error Amp DC Voltage Gain
62
dB
Error Amp Sink/Source Current
±30
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 20V, VCC = BOOST = BURST_EN = 10V, SHDN = 2V, RSET = 49.9kΩ,
SENSE= SENSE+ = 10V, SGND = PGND = SW = SYNC = 0V, unless otherwise noted.


Similar Part No. - LT3845IFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845IFE-PBF LINER-LT3845IFE-PBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845IFE-TRPBF LINER-LT3845IFE-TRPBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
More results

Similar Description - LT3845IFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
Maxim Integrated Produc...
MAX8650 MAXIM-MAX8650 Datasheet
367Kb / 25P
   4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com