Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4010CFEPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4010CFEPBF
Description  High Efficiency Standalone Nickel Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010CFEPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4010CFEPBF Datasheet HTML 5Page - Linear Technology LTC4010CFEPBF Datasheet HTML 6Page - Linear Technology LTC4010CFEPBF Datasheet HTML 7Page - Linear Technology LTC4010CFEPBF Datasheet HTML 8Page - Linear Technology LTC4010CFEPBF Datasheet HTML 9Page - Linear Technology LTC4010CFEPBF Datasheet HTML 10Page - Linear Technology LTC4010CFEPBF Datasheet HTML 11Page - Linear Technology LTC4010CFEPBF Datasheet HTML 12Page - Linear Technology LTC4010CFEPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4010

4010fb
block DiagraM
5
6
11
CHARGER
STATE
CONTROL
LOGIC
THERMISTOR
INTERFACE
A/D
CONVERTER
BATTERY
DETECTOR
VOLTAGE
REGULATOR
UVLO AND
SHUTDOWN
PWM
CHARGE
TIMER
VOLTAGE
REFERENCE
INTERNAL
VOLTAGE
REGULATOR
VTEMP
4
CHEM
2
CHRG
1
FAULT
9
10
13
12
14
3
GND
VCELL
8
TIMER
7
VCDIV
INTVDD
4010 BD
BAT
SENSE
BGATE
16
READY
VCC
PGND
TGATE
15
operaTion (Refer to Figure 1)
CHARGE
QUALIFICATION
SHUTDOWN
DC ADAPTER PRESENT
NiCd OR
NiMH – ∆V
VCELL < 1.325V
*tMAX IS PROGRAMMED MAXIMUM FAST CHARGE DURATION
**OPTIONAL TEMPERATURE LIMITS APPLY
4010 F01
VCELL < 900mV
VCELL > 900mV
VCELL
> 900mV
VCELL < 900mV
VCELL < 1.22V AT tMAX*/12
OR TIME = tMAX
VCELL > 350mV, ADEQUATE VCC,
CHARGER ENABLED AND
TEMPERATURE OK (OPTIONAL)
CHECK
BATTERY
PRECHARGE**
(C/5 FOR
tMAX/12)
FAST CHARGE**
(1C)
AUTOMATIC
RECHARGE
FAULT
VCELL > 1.95V
OR PWM FAULTS
TOP-OFF
CHARGE**
(C/10)
NiMH
∆T/∆t
NO DC ADAPTER
tMAX/3
NO BATTERY
OR
VCC < 4.25V
Figure 1. LTC4010 State Diagram


Similar Part No. - LTC4010CFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
LTC4010EFE LINEAR-LTC4010EFE Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
More results

Similar Description - LTC4010CFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011 Datasheet
227Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com