Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4449
Description  High Speed Synchronous N-Channel MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 3Page - Linear Technology LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4449
7
4449f
OPERATION
TIMING DIAGRAM
Figure 1. Three-State Input Operation
VIL(BG)
VIL(TG)
VIL(BG)
90%
IN
TG
BG
90%
10%
tr(TG)
tpLH(TG)
10%
tr(BG)
4449 TD
tf(BG)
tf(TG)
tpLH(BG)
tpHL(BG)
tpHL(TG)
Overview
The LTC4449 receives a ground-referenced, low voltage
digital input signal to drive two N-channel power MOSFETs
in a synchronous power supply configuration. The gate
of the low side MOSFET is driven either to VCC or GND,
depending on the state of the input. Similarly, the gate of
the high side MOSFET is driven to either BOOST or TS by
a supply bootstrapped off of the switch node (TS).
Input Stage
The LTC4449 employs a unique three-state input stage with
transition thresholds that are proportional to the VLOGIC
supply. The VLOGIC supply can be tied to the controller
IC’s power supply so that the input thresholds will match
those of the controller’s output signal. Alternatively, VLOGIC
can be tied to VCC to simplify routing. An internal voltage
regulator in the LTC4449 limits the input threshold values
for VLOGIC supply voltages greater than 5V.
The relationship between the transition thresholds and
the three input states of the LTC4449 is illustrated in
Figure 1. When the voltage on IN is greater than the
threshold VIH(TG), TG is pulled up to BOOST, turning the
high side MOSFET on. This MOSFET will stay on until IN
falls below VIL(TG). Similarly, when IN is less than VIH(BG),
BG is pulled up to VCC, turning the low side (synchronous)
MOSFET on. BG will stay high until IN increases above
the threshold VIL(BG).
The thresholds are positioned to allow for a region in which
both BG and TG are low. An internal resistive divider will
pull IN into this region if the signal driving the IN pin goes
into a high impedance state.
One application of this three-state input is to keep both of
the power MOSFETs off while an undervoltage condition
exists on the controller IC power supply. This can be
accomplished by driving the IN pin with a logic buffer
that has an enable pin. With the enable pin of the buffer
tied to the power good pin of the controller IC, the logic
buffer output will remain in a high impedance state until the
controller confirms that its supply is not in an undervoltage
state. The three-state input of the LTC4449 will therefore
pull IN into the region where TG and BG are low until the
controller has enough voltage to operate predictably.
TG HIGH
TG HIGH
VIH(TG)
VIL(BG)
VIL(TG)
VIH(BG)
IN
TG LOW
TG LOW
BG LOW
BG HIGH
4449 F01
BG LOW
BG HIGH


Similar Part No. - LTC4449

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4449 LINER-LTC4449 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4449 LINER-LTC4449 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4449 LINER-LTC4449 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
More results

Similar Description - LTC4449

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4444-5 LINER-LTC4444-5 Datasheet
202Kb / 12P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444 LINER-LTC4444 Datasheet
189Kb / 12P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444-5 LINER-LTC4444-5_15 Datasheet
179Kb / 14P
   High Voltage Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com