Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4449
Description  High Speed Synchronous N-Channel MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 4 Page - Linear Technology

  LTC4449 Datasheet HTML 1Page - Linear Technology LTC4449 Datasheet HTML 2Page - Linear Technology LTC4449 Datasheet HTML 3Page - Linear Technology LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4449
4
4449f
TYPICAL PERFORMANCE CHARACTERISTICS
Input Thresholds
vs VLOGIC Supply Voltage
Input Thresholds for VLOGIC = 3.3V
vs Temperature
BG or TG Input Threshold Hysteresis
vs VLOGIC Supply Voltage
VLOGIC Undervoltage Lockout
Thresholds vs Temperature
Undervoltage Lockout Threshold
Hysteresis vs Temperature
Input Thresholds for VLOGIC ≥ 5V
vs Temperature
Quiescent Supply Current
vs Supply Voltage
VCC Undervoltage Lockout
Thresholds vs Temperature
BG or TG Input Threshold Hysteresis
vs Temperature
VLOGIC SUPPLY (V)
3.0
3.5
0
1.0
4.0
4.0
5.0
5.5
4449 G01
0.5
2.0
2.5
3.0
3.5
1.5
4.5
6.0
6.5
VIH(TG)
VIL(TG)
VIL(BG)
VIH(BG)
TEMPERATURE (°C)
1.0
2.0
3.0
0.5
1.5
2.5
–10
20
50
80
4449 G02
110
–40
VIH(TG)
VLOGIC = 3.3V
VIL(TG)
VIL(BG)
VIH(BG)
TEMPERATURE (°C)
3
4
5
4449 G03
2
1
0
–10
–40
110
20
50
80
VIH(TG)
VLOGIC ≥ 5V
VIL(TG)
VIL(BG)
VIH(BG)
VLOGIC SUPPLY (V)
3.0
3.5
0
0.10
0.35
4.0
5.0
5.5
4449 G04
0.05
0.20
0.25
0.30
0.15
4.5
6.0
6.5
TEMPERATURE (°C)
0.25
0.30
0.35
4449 G05
0.15
0
–40
–10
20
50
80
110
0.40
0.20
0.10
0.05
VLOGIC = 5V
VLOGIC = 3.3V
SUPPLY VOLTAGE (V)
3.0
0
0.1
0.3
0.4
0.5
1.0
0.7
4.0
5.0
5.5
4449 G06
0.2
0.8
0.9
0.6
3.5
4.5
6.0
6.5
7.0
IN FLOATING
TS = GND
IVLOGIC
IBOOST
IVCC
TEMPERATURE (°C)
2.8
2.9
4449 G08
2.7
2.6
2.5
–10
–40
110
20
50
80
RISING THRESHOLD
FALLING THRESHOLD
TEMPERATURE (°C)
3.2
3.3
4449 G09a
3.1
3.0
2.9
–10
–40
110
20
50
80
RISING THRESHOLD
FALLING THRESHOLD
TEMPERATURE (°C)
150
250
200
4449 G09b
100
50
0
–10
–40
110
20
50
80
VCC UVLO
VLOGIC UVLO


Similar Part No. - LTC4449

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4449 LINER-LTC4449 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4449 LINER-LTC4449 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4449 LINER-LTC4449 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
More results

Similar Description - LTC4449

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4444-5 LINER-LTC4444-5 Datasheet
202Kb / 12P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444 LINER-LTC4444 Datasheet
189Kb / 12P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444-5 LINER-LTC4444-5_15 Datasheet
179Kb / 14P
   High Voltage Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com